Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C04PM Datasheet (PDF) - Xicor Inc.

X24C04PM Datasheet PDF - Xicor Inc.
Part # X24C04PM
Download  X24C04PM Download

File Size   78.66 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24C04PM Datasheet (PDF)

Go To PDF Page Download Datasheet
X24C04PM Datasheet PDF - Xicor Inc.

Part # X24C04PM
Download  X24C04PM Click to download

File Size   78.66 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Serial E2PROM

X24C04PM Datasheet (HTML) - Xicor Inc.

Back Button X24C04PM Datasheet HTML 1Page - Xicor Inc. X24C04PM Datasheet HTML 2Page - Xicor Inc. X24C04PM Datasheet HTML 3Page - Xicor Inc. X24C04PM Datasheet HTML 4Page - Xicor Inc. X24C04PM Datasheet HTML 5Page - Xicor Inc. X24C04PM Datasheet HTML 6Page - Xicor Inc. X24C04PM Datasheet HTML 7Page - Xicor Inc. X24C04PM Datasheet HTML 8Page - Xicor Inc. X24C04PM Datasheet HTML 9Page - Xicor Inc. X24C04PM Datasheet HTML 10Page - Xicor Inc. Next Button 

X24C04PM Product details

DESCRIPTION

The X24C04 is a CMOS 4096 bit serial E2PROM, internally organized 512 x 8. The X24C04 features a serial interface and software protocol allowing operation on a simple two wire bus. The X24C04 is fabricated with Xicor’s advanced CMOS Textured Poly Floating Gate Technology. The X24C04 utilizes Xicor’s proprietary DirectWrite™ cell providing a minimum endurance of 100,000 cycles and a minimum data retention of 100 years.



FEATURES

•2.7V to 5.5V Power Supply

•Low Power CMOS

  —Active Read Current Less Than 1 mA 

  —Active Write Current Less Than 3 mA

  —Standby Current Less Than 50 µA

•Internally Organized 512 x 8

•2 Wire Serial Interface

 —Bidirectional Data Transfer Protocol

•Sixteen Byte Page Write Mode

  —Minimizes Total Write Time Per Byte

•Self Timed Write Cycle

  —Typical Write Cycle Time of 5 ms

•High Reliability

  —Endurance: 100,000 Cycles

  —Data Retention: 100 Years

•8 Pin Mini-DIP, 8 Pin SOIC and 14 Pin SOIC Packages



 




Similar Part No. - X24C04PM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C04PM ICMIC-X24C04PM Datasheet
393Kb / 18P
   Serial E2PROM
X24C04PM-2.7 ICMIC-X24C04PM-2.7 Datasheet
393Kb / 18P
   Serial E2PROM
X24C04PM-3 ICMIC-X24C04PM-3 Datasheet
393Kb / 18P
   Serial E2PROM
X24C04PM-3.5 ICMIC-X24C04PM-3.5 Datasheet
393Kb / 18P
   Serial E2PROM
X24C04PMG ICMIC-X24C04PMG Datasheet
393Kb / 18P
   Serial E2PROM
More results


Similar Description - X24C04PM

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com