Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F064V Datasheet (PDF) - Xicor Inc.

X24F064V Datasheet PDF - Xicor Inc.
Part # X24F064V
Download  X24F064V Download

File Size   85.85 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SerialFlash TM Memory with Block Lock TM Protection

X24F064V Datasheet (PDF)

Go To PDF Page Download Datasheet
X24F064V Datasheet PDF - Xicor Inc.

Part # X24F064V
Download  X24F064V Click to download

File Size   85.85 Kbytes
Page   18 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description SerialFlash TM Memory with Block Lock TM Protection

X24F064V Datasheet (HTML) - Xicor Inc.

Back Button X24F064V Datasheet HTML 1Page - Xicor Inc. X24F064V Datasheet HTML 2Page - Xicor Inc. X24F064V Datasheet HTML 3Page - Xicor Inc. X24F064V Datasheet HTML 4Page - Xicor Inc. X24F064V Datasheet HTML 5Page - Xicor Inc. X24F064V Datasheet HTML 6Page - Xicor Inc. X24F064V Datasheet HTML 7Page - Xicor Inc. X24F064V Datasheet HTML 8Page - Xicor Inc. X24F064V Datasheet HTML 9Page - Xicor Inc. X24F064V Datasheet HTML 10Page - Xicor Inc. Next Button 

X24F064V Product details

DESCRIPTION
The X24F064/032/016 is a CMOS SerialFlash Memory Family, internally organized 8K/4K/2K x 8. The family features a serial interface and software protocol allowing operation on a simple two wire bus.

FEATURES
• 1.8V to 3.6V or 5V “Univolt” Read and Program Power Supply Versions
• Low Power CMOS
    —Active Read Current Less Than 1mA
    —Active Program Current Less Than 3mA
    —Standby Current Less Than 1µA
• Internally Organized 8K/4K/2K x 8
• New Programmable Block Lock Protection
    —Software Write Protection
    —Programmable hardware Write Protect
• Block Lock (0, 1/4, 1/2, or all of the Flash Memory array)
• 2 Wire Serial Interface
• Bidirectional Data Transfer Protocol
• 32 Byte Sector Programming
• Self Timed Program Cycle
    —Typical Programming Time of 5ms Per Sector
• High Reliability
    —Endurance: 100,000 cycles per byte
    —Data Retention: 100 Years
• Available Packages
    —8-Lead PDIP
    —8-Lead SOIC (JEDEC)
    —14-Lead TSSOP (X24F032/016)
    —20-Lead TSSOP (X24F064)




Similar Part No. - X24F064V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results


Similar Description - X24F064V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com