Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE36CA Datasheet (PDF) - Won-Top Electronics

P4KE36CA Datasheet PDF - Won-Top Electronics
Part # P4KE36CA
Download  P4KE36CA Download

File Size   67.68 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 400W TRANSIENT BOLTAGE SUPPRESSORS

P4KE36CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE36CA Datasheet PDF - Won-Top Electronics

Part # P4KE36CA
Download  P4KE36CA Click to download

File Size   67.68 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 400W TRANSIENT BOLTAGE SUPPRESSORS

P4KE36CA Datasheet (HTML) - Won-Top Electronics

P4KE36CA Datasheet HTML 1Page - Won-Top Electronics P4KE36CA Datasheet HTML 2Page - Won-Top Electronics P4KE36CA Datasheet HTML 3Page - Won-Top Electronics P4KE36CA Datasheet HTML 4Page - Won-Top Electronics P4KE36CA Datasheet HTML 5Page - Won-Top Electronics

P4KE36CA Product details

Features
● Glass Passivated Die Construction
● 400W Peak Pulse Power Dissipation
● 6.8V – 440V Standoff Voltage
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - P4KE36CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE36CA SECOS-P4KE36CA Datasheet
334Kb / 3P
   400 Peak Power
logo
Pan Jit International I...
P4KE36CA PANJIT-P4KE36CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Littelfuse
P4KE36CA LITTELFUSE-P4KE36CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
RFE international
P4KE36CA RFE-P4KE36CA Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Shenzhen Luguang Electr...
P4KE36CA LUGUANG-P4KE36CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Similar Description - P4KE36CA

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P4KE ZSELEC-P4KE Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P4SMA6.8CA HUAXINAN-P4SMA6.8CA Datasheet
447Kb / 5P
   400W Transient Voltage Suppressors
P4SMFT3.3CA HUAXINAN-P4SMFT3.3CA Datasheet
424Kb / 5P
   400W Transient Voltage Suppressors
SMAJ5.0CA HUAXINAN-SMAJ5.0CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
P4KE6.8CA HUAXINAN-P4KE6.8CA Datasheet
428Kb / 5P
   400W Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
   400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
   400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com