Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6642-45GUTB Datasheet (PDF) - Silicon Standard Corp.

SS6642-45GUTB Datasheet PDF - Silicon Standard Corp.
Part # SS6642-45GUTB
Download  SS6642-45GUTB Download

File Size   1735.42 Kbytes
Page   22 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 3-Pin Simple Step-Up DC/DC Converter

SS6642-45GUTB Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6642-45GUTB Datasheet PDF - Silicon Standard Corp.

Part # SS6642-45GUTB
Download  SS6642-45GUTB Click to download

File Size   1735.42 Kbytes
Page   22 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 3-Pin Simple Step-Up DC/DC Converter

SS6642-45GUTB Datasheet (HTML) - Silicon Standard Corp.

Back Button SS6642-45GUTB Datasheet HTML 1Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 2Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 3Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 4Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 5Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 6Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 7Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 8Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 9Page - Silicon Standard Corp. SS6642-45GUTB Datasheet HTML 10Page - Silicon Standard Corp. Next Button 

SS6642-45GUTB Product details

DESCRIPTION

The SS6642G is a high efficiency step-up DC/DC converter for applications using 1 to 4 NiMH battery cells. Only three external components are required to deliver a fixed output voltage of 2.7V, 3.0V, 3.3V, 3.7V, 4.5V or 5V. The SS6642G starts up from less than 0.9V input with 1mA load. A Pulse Frequency Modulation scheme optimizes performance for applications with light output loading and low input voltages. The output ripple and noise are lower when compared with circuits operating in PSM mode.



FEATURES

  A guaranteed start-up from less than 0.9 V.

  High efficiency.

  Low quiescent current.

  Fewer external components needed.

  Low ripple and low noise.

  Fixed output voltage: 2.7V, 3.0V, 3.3V, 3.7V, 4.5V and 5V.

  Space-saving packages: SOT-23, SOT-89 and TO-92.



APPLICATIONS

  Pagers.

  Cameras.

  Wireless Microphones.

  Pocket Organizers.

  Battery Backup Suppliers.

  Portable Instruments.



 




Similar Part No. - SS6642-45GUTB

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6642 SENSITRON-SS6642 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642U SENSITRON-SS6642U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642US SENSITRON-SS6642US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results


Similar Description - SS6642-45GUTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com