Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X68257PI Datasheet (PDF) - Xicor Inc.

X68257PI Datasheet PDF - Xicor Inc.
Part # X68257PI
Download  X68257PI Download

File Size   70.22 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X68257PI Datasheet (PDF)

Go To PDF Page Download Datasheet
X68257PI Datasheet PDF - Xicor Inc.

Part # X68257PI
Download  X68257PI Click to download

File Size   70.22 Kbytes
Page   14 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E2 Micro-Peripheral

X68257PI Datasheet (HTML) - Xicor Inc.

Back Button X68257PI Datasheet HTML 1Page - Xicor Inc. X68257PI Datasheet HTML 2Page - Xicor Inc. X68257PI Datasheet HTML 3Page - Xicor Inc. X68257PI Datasheet HTML 4Page - Xicor Inc. X68257PI Datasheet HTML 5Page - Xicor Inc. X68257PI Datasheet HTML 6Page - Xicor Inc. X68257PI Datasheet HTML 7Page - Xicor Inc. X68257PI Datasheet HTML 8Page - Xicor Inc. X68257PI Datasheet HTML 9Page - Xicor Inc. X68257PI Datasheet HTML 10Page - Xicor Inc. Next Button 

X68257PI Product details

DESCRIPTION

The X68257 is an 32K x 8 E2PROM fabricated with advanced CMOS Textured Poly Floating Gate Technology. The X68257 features a multiplexed address and data bus allowing direct interface to a variety of popular single-chip microcontrollers operating in expanded multiplexed mode without the need for additional interface circuitry.



FEATURES

• Multiplexed Address/Data Bus

—Direct Interface to Popular 68HC11 Family

• High Performance CMOS

—Fast Access Time, 120ns

—Low Power

—60mA Active Maximum

—500µA Standby Maximum

• Software Data Protection

• Toggle Bit Polling

—Early End of Write Detection

• Page Mode Write

—Allows up to 128 Bytes to be Written in One Write Cycle

• High Reliability

—Endurance: 10,000 Write Cycle

—Data Retention: 100 Years

• 28-Lead PDIP Package

• 28-Lead SOIC Package

• 32-Lead PLCC Package




Similar Part No. - X68257PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X6800 INTEL-X6800 Datasheet
1Mb / 118P
   Intel Core2 Extreme Processor
X6800 INTEL-X6800 Datasheet
1Mb / 122P
   Core2 Extreme Processor
logo
EPCOS
X6855D EPCOS-X6855D Datasheet
81Kb / 6P
   SAW Components Bandpass Filter
X6857D EPCOS-X6857D Datasheet
95Kb / 7P
   SAW Components Bandpass Filter
logo
Texas Instruments
X6860-3230BA1 TI1-X6860-3230BA1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
More results


Similar Description - X68257PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com