Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511Z Datasheet (PDF) - Xicor Inc.

X9511Z Datasheet PDF - Xicor Inc.
Part # X9511Z
Download  X9511Z Download

File Size   56.73 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description PushPot O Potentiometer (Push Button Controlled)

X9511Z Datasheet (PDF)

Go To PDF Page Download Datasheet
X9511Z Datasheet PDF - Xicor Inc.

Part # X9511Z
Download  X9511Z Click to download

File Size   56.73 Kbytes
Page   10 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description PushPot O Potentiometer (Push Button Controlled)

X9511Z Datasheet (HTML) - Xicor Inc.

X9511Z Datasheet HTML 1Page - Xicor Inc. X9511Z Datasheet HTML 2Page - Xicor Inc. X9511Z Datasheet HTML 3Page - Xicor Inc. X9511Z Datasheet HTML 4Page - Xicor Inc. X9511Z Datasheet HTML 5Page - Xicor Inc. X9511Z Datasheet HTML 6Page - Xicor Inc. X9511Z Datasheet HTML 7Page - Xicor Inc. X9511Z Datasheet HTML 8Page - Xicor Inc. X9511Z Datasheet HTML 9Page - Xicor Inc. X9511Z Datasheet HTML 10Page - Xicor Inc.

X9511Z Product details

DESCRIPTION

The Xicor X9511 is a push button controlled, potentiometer and is ideal for push button controlled resistance trimming.

The X9511 is a resistor array composed of 31 resistive elements. Between each element and at either end are tap points accessible to the wiper element. The position of the wiper element is controlled by the PU and PD inputs. The position of the wiper can be automatically stored in E2 memory and then be recalled upon a subse quent power-on operation.



FEATURES

• Push Button Controlled

• Low Power CMOS

   —Active Current, 3mA Max

   —Standby Current, 200µA Max

• 31 Resistive Elements

   —Temperature Compensated

   —±20% End to End Resistance Range

   —–5V to +5V Range

• 32 Wiper Tap Points

   —Wiper Positioned via Two Push Button Inputs

   —Slow & Fast Scan Modes

   —AUTOSTORE Option

   —Manual Store Option

   —Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up

• 100 Year Wiper Position Data Retention

• X9511Z = 1KΩ

• X9511W = 10KΩ

• Packages

   —8-Lead PDIP

   —8-Lead SOIC



 




Similar Part No. - X9511Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511 INTERSIL-X9511 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
More results


Similar Description - X9511Z

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com