Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315WM Datasheet (PDF) - Xicor Inc.

X9315WM Datasheet PDF - Xicor Inc.
Part # X9315WM
Download  X9315WM Download

File Size   73.59 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT TM Nonvolatile Digital Potentiometer

X9315WM Datasheet (PDF)

Go To PDF Page Download Datasheet
X9315WM Datasheet PDF - Xicor Inc.

Part # X9315WM
Download  X9315WM Click to download

File Size   73.59 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT TM Nonvolatile Digital Potentiometer

X9315WM Datasheet (HTML) - Xicor Inc.

Back Button X9315WM Datasheet HTML 1Page - Xicor Inc. X9315WM Datasheet HTML 2Page - Xicor Inc. X9315WM Datasheet HTML 3Page - Xicor Inc. X9315WM Datasheet HTML 4Page - Xicor Inc. X9315WM Datasheet HTML 5Page - Xicor Inc. X9315WM Datasheet HTML 6Page - Xicor Inc. X9315WM Datasheet HTML 7Page - Xicor Inc. X9315WM Datasheet HTML 8Page - Xicor Inc. X9315WM Datasheet HTML 9Page - Xicor Inc. X9315WM Datasheet HTML 10Page - Xicor Inc. Next Button 

X9315WM Product details

DESCRIPTION

The Xicor X9315 is a solid state "micropower" nonvol atile potentiometer and is ideal for digitally controlled

resistance trimming.

The X9315 is a resistor array composed of 31 resistive elements. Between each element and at either end are

tap points accessible to the wiper element. The position of the wiper element is controlled by the CS, U/D,

and INC inputs. The position of the wiper can be stored in nonvolatile memory and then be recalled upon a sub sequent power-up operation.



FEATURES

• Low Power CMOS

  —VCC = 2.7V to 5.5V, Single Supply

  —Active Current, 50µA (Increment) max

  —Active Current, 400µA (Store) Max

  —Standby Current, 1µA Max

• Low Noise

• 31 Resistive Elements

  —Temperature Compensated

  —±20% End to End Resistance Range

  —VSSto VCCRange

• 32 Wiper Tap Points

  —Wiper Positioned via Three-Wire Interface

  —Similar to TTL Up/Down Counter

  —Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up

• 100 Year Wiper Position Data Retention

• X9315Z = 1KΩ

• X9315W = 10KΩ

• Packages

  —8-Lead SOIC

  —8-Lead MSOP

  —8-Pin DIP




Similar Part No. - X9315WM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WM INTERSIL-X9315WM Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WM-2.7 INTERSIL-X9315WM-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WMI INTERSIL-X9315WMI Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WMI-2.7 INTERSIL-X9315WMI-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WMI-2.7T2 INTERSIL-X9315WMI-2.7T2 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Similar Description - X9315WM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com