Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ58A Datasheet (PDF) - Changzhou Shunye Electronics Co.,Ltd.

SMAJ58A Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.
Part # SMAJ58A
Download  SMAJ58A Download

File Size   439.66 Kbytes
Page   4 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ58A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ58A Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.

Part # SMAJ58A
Download  SMAJ58A Click to download

File Size   439.66 Kbytes
Page   4 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ58A Datasheet (HTML) - Changzhou Shunye Electronics Co.,Ltd.

SMAJ58A Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SMAJ58A Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. SMAJ58A Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. SMAJ58A Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd.

SMAJ58A Product details

Stand-off Voltage: 5.0-170 Volts Peak pulse power: 300 Watts

FEATURE
◇ Optimzed for LAN protection applications
◇ Ideal for ESD protection of data lines in accordance
   with IEC 1000-4-2(IEC801-2)
◇ Ideal for EFT protection of data lines in accordance
   with IEC1000-4-4(IEC801-2)
◇ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◇ Glass passivated junction
◇ 300w peak pulse power capability
◇ Excellent clamping capability
◇ Low incremental surge resistance
◇ Fast response time:typically less than 1.0ps from 0v to
   V(BR) min
◇ High temperature soldering guaranteed:
   250 °C/10S at terminals




Similar Part No. - SMAJ58A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ58A JGD-SMAJ58A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ58A SOCAY-SMAJ58A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MERITEK ELECTRONICS COR...
SMAJ58A MERITEK-SMAJ58A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
SMAJ58A SURGE-SMAJ58A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
logo
WeEn Semiconductors
SMAJ58A WEEN-SMAJ58A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
More results


Similar Description - SMAJ58A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com