Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241MPI Datasheet (PDF) - Xicor Inc.

X9241MPI Datasheet PDF - Xicor Inc.
Part # X9241MPI
Download  X9241MPI Download

File Size   76.88 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Quad E2POT??Nonvolatile Digital Potentiometer

X9241MPI Datasheet (PDF)

Go To PDF Page Download Datasheet
X9241MPI Datasheet PDF - Xicor Inc.

Part # X9241MPI
Download  X9241MPI Click to download

File Size   76.88 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Quad E2POT??Nonvolatile Digital Potentiometer

X9241MPI Datasheet (HTML) - Xicor Inc.

Back Button X9241MPI Datasheet HTML 1Page - Xicor Inc. X9241MPI Datasheet HTML 2Page - Xicor Inc. X9241MPI Datasheet HTML 3Page - Xicor Inc. X9241MPI Datasheet HTML 4Page - Xicor Inc. X9241MPI Datasheet HTML 5Page - Xicor Inc. X9241MPI Datasheet HTML 6Page - Xicor Inc. X9241MPI Datasheet HTML 7Page - Xicor Inc. X9241MPI Datasheet HTML 8Page - Xicor Inc. X9241MPI Datasheet HTML 9Page - Xicor Inc. X9241MPI Datasheet HTML 10Page - Xicor Inc. Next Button 

X9241MPI Product details

DESCRIPTION

The X9241 integrates four nonvolatile E2POT digitally controlled potentiometers on a monolithic CMOS microcircuit.

The X9241 contains four resistor arrays, each composed of 63 resistive elements. Between each element

and at either end are tap points accessible to the wiper elements. The position of the wiper element on the array is controlled by the user through the two-wire serial bus interface.



FEATURES

•Four E2POTs in One Package

•Two-Wire Serial Interface

•Register Oriented Format

—Directly Write Wiper Position

—Read Wiper Position

—Store as Many as Four Positions per Pot

•Instruction Format

—Quick Transfer of Register Contents to Resistor Array

—Cascade Resistor Arrays

•Low Power CMOS

•Direct Write Cell

—Endurance - 100,000 Data Changes per Register

—Register Data Retention - 100 years

•16 Bytes of E2PROM memory

•3 Resistor Array Values

—2KΩto 50KΩMask Programmable

—Cascadable For Values of 500Ωto 200KΩ

•Resolution: 64 Taps each Pot

•20-Lead Plastic DIP, 20-Lead TSSOP and 20-Lead SOIC Packages




Similar Part No. - X9241MPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results


Similar Description - X9241MPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com