Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3SB4.5Z Datasheet (PDF) - Fujitsu Component Limited.

FTR-B3SB4.5Z Datasheet PDF - Fujitsu Component Limited.
Part # FTR-B3SB4.5Z
Download  FTR-B3SB4.5Z Download

File Size   1220.27 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)

FTR-B3SB4.5Z Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-B3SB4.5Z Datasheet PDF - Fujitsu Component Limited.

Part # FTR-B3SB4.5Z
Download  FTR-B3SB4.5Z Click to download

File Size   1220.27 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)

FTR-B3SB4.5Z Datasheet (HTML) - Fujitsu Component Limited.

Back Button FTR-B3SB4.5Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3SB4.5Z Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 



Similar Part No. - FTR-B3SB4.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3SB4.5Z-B10 FUJITSU-FTR-B3SB4.5Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
FTR-B3SB4.5Z-RF FUJITSU-FTR-B3SB4.5Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results


Similar Description - FTR-B3SB4.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com