Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LY Datasheet (PDF) - Fujitsu Component Limited.

FTR-LY Datasheet PDF - Fujitsu Component Limited.
Part # FTR-LY_09
Download  FTR-LY Download

File Size   618.75 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE

FTR-LY Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-LY Datasheet PDF - Fujitsu Component Limited.

Part # FTR-LY_09
Download  FTR-LY Click to download

File Size   618.75 Kbytes
Page   10 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE

FTR-LY Datasheet (HTML) - Fujitsu Component Limited.

FTR-LY_09 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 9Page - Fujitsu Component Limited. FTR-LY_09 Datasheet HTML 10Page - Fujitsu Component Limited.



Similar Part No. - FTR-LY_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA005ENIL FUJITSU-FTR-LYAA005ENIL Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
FTR-LYAA005ESK FUJITSU-FTR-LYAA005ESK Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
FTR-LYAA005V FUJITSU-FTR-LYAA005V Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005VNIL FUJITSU-FTR-LYAA005VNIL Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
FTR-LYAA005VSK FUJITSU-FTR-LYAA005VSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results


Similar Description - FTR-LY_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com