Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35-CBD3K060C0 Datasheet (PDF) - Schurter Inc.

TA35-CBD3K060C0 Datasheet PDF - Schurter Inc.
Part # TA35-CBD3K060C0
Download  TA35-CBD3K060C0 Download

File Size   585.54 Kbytes
Page   5 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole

TA35-CBD3K060C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA35-CBD3K060C0 Datasheet PDF - Schurter Inc.

Part # TA35-CBD3K060C0
Download  TA35-CBD3K060C0 Click to download

File Size   585.54 Kbytes
Page   5 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole

TA35-CBD3K060C0 Datasheet (HTML) - Schurter Inc.

TA35-CBD3K060C0 Datasheet HTML 1Page - Schurter Inc. TA35-CBD3K060C0 Datasheet HTML 2Page - Schurter Inc. TA35-CBD3K060C0 Datasheet HTML 3Page - Schurter Inc. TA35-CBD3K060C0 Datasheet HTML 4Page - Schurter Inc. TA35-CBD3K060C0 Datasheet HTML 5Page - Schurter Inc.

TA35-CBD3K060C0 Product details

Description
- Panel Mount: Snap-in version from front side
- 2 Functions: Appliance Inlet, Protection class I, Circuit breaker type TA35, 2-pole
- Quick connect terminal 6.3 x 0.8 mm
- Alternative: version for 16 A (20 A) 6136
- Substitute for type 7764

Characteristics
- Unwired
- Switch non-illuminated or illuminated Thermal overload protection
- Qualified for use in equipment according IEC/EN 60950




Similar Part No. - TA35-CBD3K060C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-CBD3KJ10 SCHURTER-TA35-CBD3KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results


Similar Description - TA35-CBD3K060C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6135 SCHURTER-6135_18 Datasheet
745Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
6135 SCHURTER-6135_V02 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
08.12.2021
6135 SCHURTER-6135_V01 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11_V01 Datasheet
847Kb / 8P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG12 SCHURTER-DG12 Datasheet
999Kb / 12P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA35 (recessed)
04.01.2022
6136_1809 SCHURTER-6136_1809 Datasheet
531Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_18 Datasheet
712Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136 Datasheet
536Kb / 5P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_V01 Datasheet
401Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com