Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-3A01R Datasheet (PDF) - Fujitsu Component Limited.

SJ-3A01R Datasheet PDF - Fujitsu Component Limited.
Part # SJ-3A01R
Download  SJ-3A01R Download

File Size   378.85 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A

SJ-3A01R Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-3A01R Datasheet PDF - Fujitsu Component Limited.

Part # SJ-3A01R
Download  SJ-3A01R Click to download

File Size   378.85 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A

SJ-3A01R Datasheet (HTML) - Fujitsu Component Limited.

SJ-3A01R Datasheet HTML 1Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 2Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 3Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 4Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 5Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 6Page - Fujitsu Component Limited. SJ-3A01R Datasheet HTML 7Page - Fujitsu Component Limited.



Similar Part No. - SJ-3A01R

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3501-SMT CUI-SJ-3501-SMT Datasheet
234Kb / 3P
   MID MOUNT AUDIO JACK
SJ-3501-SMT-TR CUI-SJ-3501-SMT-TR Datasheet
372Kb / 4P
   MID MOUNT AUDIO JACK
logo
CUI Devices
SJ-3501-SMT-TR CUID-SJ-3501-SMT-TR Datasheet
402Kb / 4P
   MID MOUNT AUDIO JACK
11/16/2022
logo
CUI INC
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
   mid mount for low profile applications
SJ-3502-SMT-TR CUI-SJ-3502-SMT-TR Datasheet
401Kb / 4P
   MID MOUNT AUDIO JACK
More results


Similar Description - SJ-3A01R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com