Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA82A Datasheet (PDF) - Littelfuse

P4SMA82A Datasheet PDF - Littelfuse
Part # P4SMA82A
Download  P4SMA82A Download

File Size   142.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

P4SMA82A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA82A Datasheet PDF - Littelfuse

Part # P4SMA82A
Download  P4SMA82A Click to download

File Size   142.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

P4SMA82A Datasheet (HTML) - Littelfuse

P4SMA82A Datasheet HTML 1Page - Littelfuse P4SMA82A Datasheet HTML 2Page - Littelfuse P4SMA82A Datasheet HTML 3Page - Littelfuse P4SMA82A Datasheet HTML 4Page - Littelfuse P4SMA82A Datasheet HTML 5Page - Littelfuse

P4SMA82A Product details

400W Surface Mount Transient Voltage Supressors

FEATURES
• RoHScompliant
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low Inductance
• Excellent clamping capability
• Repetition Rate (duty cycle):0.01%
• Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for unidirectional types
• Typical IR less than 1µA above 10V
• High temperature soldering: 250˚C/10 seconds at terminals

DEVICES FOR BIPOLAR APPLICATION
    For Bidirectional use Suffix CA for types P4SMA6.8CA thru types P4SMA550CA
    Electrical characteristics apply in both directions




Similar Part No. - P4SMA82A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA82A GOOD-ARK-P4SMA82A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA82A YFWDIODE-P4SMA82A Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Silicon Standard Corp.
P4SMA82A SSC-P4SMA82A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Cystech Electonics Corp...
P4SMA82A CYSTEKEC-P4SMA82A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
P4SMA82A TSC-P4SMA82A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results


Similar Description - P4SMA82A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com