Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP110CA Datasheet (PDF) - Littelfuse

3KP110CA Datasheet PDF - Littelfuse
Part # 3KP110CA
Download  3KP110CA Download

File Size   139.71 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

3KP110CA Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP110CA Datasheet PDF - Littelfuse

Part # 3KP110CA
Download  3KP110CA Click to download

File Size   139.71 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

3KP110CA Datasheet (HTML) - Littelfuse

3KP110CA Datasheet HTML 1Page - Littelfuse 3KP110CA Datasheet HTML 2Page - Littelfuse 3KP110CA Datasheet HTML 3Page - Littelfuse 3KP110CA Datasheet HTML 4Page - Littelfuse 3KP110CA Datasheet HTML 5Page - Littelfuse

3KP110CA Product details

Description

The 3KP Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by
lightning and other transient voltage events.

Features
• VBR @TJ = VBR@25°C x (1+αT x (TJ-25))
• Glass passivated chip junction in P600 package
• 3000W peak pulse capability at 10/1000μs waveform, repetition rate (duty cycles):0.01%
• Fast response time: typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Typical failure mode is short from over-specified voltage or current
• Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
• IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
• ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
• EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)
• Low incremental surge resistance
• Typical IR less than 2μA above 12V
• High temperature soldering guaranteed: 260°C/40 seconds / 0.375”, (9.5mm) lead length, 5 lbs., (2.3kg) tension
• Plastic package has underwriters laboratory flammability classification 94V-O
• Matte tin lead–free plated
• Halogen free and RoHS compliant



 Applications
    TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications.




Similar Part No. - 3KP110CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP110CA PANJIT-3KP110CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP110CA RUILON-3KP110CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
3KP110CA LEIDITECH-3KP110CA Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Surge Components
3KP110CA SURGE-3KP110CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP110CA SOCAY-3KP110CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results


Similar Description - 3KP110CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com