Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P12VT Datasheet (PDF) - Rohm

SML-P12VT Datasheet PDF - Rohm
Part # SML-P12VT
Download  SML-P12VT Download

File Size   125.66 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0402<1.0 0.6 t=0.2mm> Standard Type

SML-P12VT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-P12VT Datasheet PDF - Rohm

Part # SML-P12VT
Download  SML-P12VT Click to download

File Size   125.66 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0402<1.0 0.6 t=0.2mm> Standard Type

SML-P12VT Datasheet (HTML) - Rohm

SML-P12VT Datasheet HTML 1Page - Rohm SML-P12VT Datasheet HTML 2Page - Rohm SML-P12VT Datasheet HTML 3Page - Rohm

SML-P12VT Product details

PICOLED™ - eco/PICOLED™



1006(0402)

1.0×0.6mm(t=0.2mm)



Features

・Ultra compact, thin size 1.0×0.6mm

・Thinnest size in the world*t=0.2mm

・ Original device technology enables high brightness and high reliability

・Accomplishes low power consuming application

・Specification assured at IF=1mA (PICOLEDTM-eco)



 




Similar Part No. - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
More results


Similar Description - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P11YTT86 ROHM-SML-P11YTT86 Datasheet
122Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
   Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
logo
SunLED Corporation
XZDG68W5MAV-3 SUNLED-XZDG68W5MAV-3 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZBBR68W5MAV-3 SUNLED-XZBBR68W5MAV-3_V01 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01, 2020
XZFBA68W5MAV-3 SUNLED-XZFBA68W5MAV-3 Datasheet
269Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZVGR68W-3 SUNLED-XZVGR68W-3_V01 Datasheet
270Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01,2020
logo
Rohm
SMLP36 ROHM-SMLP36 Datasheet
120Kb / 2P
   Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com