Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2104 Datasheet (PDF) - NXP Semiconductors

LPC2104 Datasheet PDF - NXP Semiconductors
Part # LPC2104
Download  LPC2104 Download

File Size   200.18 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM

LPC2104 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC2104 Datasheet PDF - NXP Semiconductors

Part # LPC2104
Download  LPC2104 Click to download

File Size   200.18 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM

LPC2104 Datasheet (HTML) - NXP Semiconductors

Back Button LPC2104 Datasheet HTML 1Page - NXP Semiconductors LPC2104 Datasheet HTML 2Page - NXP Semiconductors LPC2104 Datasheet HTML 3Page - NXP Semiconductors LPC2104 Datasheet HTML 4Page - NXP Semiconductors LPC2104 Datasheet HTML 5Page - NXP Semiconductors LPC2104 Datasheet HTML 6Page - NXP Semiconductors LPC2104 Datasheet HTML 7Page - NXP Semiconductors LPC2104 Datasheet HTML 8Page - NXP Semiconductors LPC2104 Datasheet HTML 9Page - NXP Semiconductors LPC2104 Datasheet HTML 10Page - NXP Semiconductors Next Button 

LPC2104 Product details

General description
The UART are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation and embedded trace support, together with 128 kB of embedded high speed flash memory. A 128-bit wide memory interface and a unique accelerator architecture enable 32-bit code execution at maximum clock rate. For critical code size applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.

Features
New features implemented in LPC2104/2105/2106/01 devices
■ Fast GPIO port enables port pin toggling up to 3.5 times faster than the original device and also allows for a port pin to be read at any time regardless of its function.
■ UART 0/1 include fractional baud rate generator, autobauding capabilities, and handshake flow-control fully implemented in hardware.
■ Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
■ SPI programmable data length and master mode enhancement.
■ Diversified Code Read Protection (CRP) enables different security levels to be implemented.
■ General purpose timers can operate as external event counters.

Key common features
■ 16/32-bit ARM7TDMI-S processor.
■ 16/32/64 kB on-chip static RAM.
■ 128 kB on-chip flash program memory. 128-bit-wide interface/accelerator enables high speed 60 MHz operation.
■ In-System Programming (ISP) and In-Application Programming (IAP) via on-chip bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or full chip erase takes 400 ms.
■ Vectored Interrupt Controller with configurable priorities and vector addresses.
■ EmbeddedICE-RT interface enables breakpoints and watch points. Interrupt service routines can continue to execute whilst the foreground task is debugged with the on-chip RealMonitor software.
■ Embedded Trace Macrocell enables non-intrusive high speed real-time tracing of instruction execution.
■ Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s), and SPI.
■ Two 32-bit timers (7 capture/compare channels), PWM unit (6 outputs), Real Time Clock and Watchdog.
■ Up to thirty-two 5 V tolerant general purpose I/O pins in a tiny LQFP48 (7 mm × 7 mm) package.
■ 60 MHz maximum CPU clock available from programmable on-chip Phase-Locked Loop with settling time of 100 µs.
■ The on-chip crystal oscillator should have an operating range of 1 MHz to 25 MHz.
■ Two low power modes, Idle and Power-down.
■ Processor wake-up from Power-down mode via external interrupt.
■ Individual enable/disable of peripheral functions for power optimization.
■ Dual power supply:
   ◆ CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 8.3 %).
   ◆ I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads.




Similar Part No. - LPC2104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2104/01 NXP-LPC2104/01 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2104BBD48 PHILIPS-LPC2104BBD48 Datasheet
155Kb / 32P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2104BBD48 NXP-LPC2104BBD48 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104BBD48 PHILIPS-LPC2104BBD48 Datasheet
211Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
Rev. 07-20 June 2008
More results


Similar Description - LPC2104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48 PHILIPS-LPC2106BBD48 Datasheet
211Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
Rev. 07-20 June 2008
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com