Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6223H121NR-G Datasheet (PDF) - Torex Semiconductor

XC6223H121NR-G Datasheet PDF - Torex Semiconductor
Part # XC6223H121NR-G
Download  XC6223H121NR-G Download

File Size   790.02 Kbytes
Page   36 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator

XC6223H121NR-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6223H121NR-G Datasheet PDF - Torex Semiconductor

Part # XC6223H121NR-G
Download  XC6223H121NR-G Click to download

File Size   790.02 Kbytes
Page   36 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator

XC6223H121NR-G Datasheet (HTML) - Torex Semiconductor

Back Button XC6223H121NR-G Datasheet HTML 1Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 2Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 3Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 4Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 5Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 6Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 7Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 8Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 9Page - Torex Semiconductor XC6223H121NR-G Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6223H121NR-G Product details

■GENERAL DESCRIPTION

The XC6223 series is a high speed LDO regulator that features high accurate, low noise, high ripple rejection, low dropout and low power consumption. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a phase compensation circuit, a thermal shutdown circuit and an inrush current protection circuit.  



■FEATURES

Maximum Output Current  : 300mA

Input Voltage Range  : 1.6~5.5V

Output Voltages  : 2.0~4.0V (Accuracy ±1%)

                         1.2~1.95V (Accuracy ±20mV)

                         0.05V increments

Dropout Voltage   : 200mV@IOUT=300mA (VOUT=3.0V)

Low Power Consumption  : 100μA

Stand-by Current  : 0.1μA

High Ripple Rejection  : 80dB@f=1kHz

Protection Circuits  : Current Limit(400mA)

                           Short Circuit Protection

                           Over Heat Protection

                           Inrush Current Protection

Low ESR Capacitors  : CIN=1.0μF, CL=1.0μF

CE Function   : Active High 

                    CL High Speed Discharge

Small Packages  : USPQ-4B03

                        USP-4

                        SSOT-24

                        SOT-25

                        SOT-89-5

Environmentally Friendly  : EU RoHS Compliant, Pb Free



■APPLICATIONS

●Digital still cameras

●Cell phones

●Portable games

●Camera modules

●IC recorders

●Portable media players

●Bluetooth

●Wireless LAN

●Terrestrial digital TV tuners

●Cordless phones




Similar Part No. - XC6223H121NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results


Similar Description - XC6223H121NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com