Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52885-0274 Datasheet (PDF) - MolexKits

52885-0274 Datasheet PDF - MolexKits
Part # 52885-0274
Download  52885-0274 Download

File Size   47.15 Kbytes
Page   6 Pages
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits
Description Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm

52885-0274 Datasheet (PDF)

Go To PDF Page Download Datasheet
52885-0274 Datasheet PDF - MolexKits

Part # 52885-0274
Download  52885-0274 Click to download

File Size   47.15 Kbytes
Page   6 Pages
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits
Description Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm

52885-0274 Datasheet (HTML) - MolexKits

52885-0274 Datasheet HTML 1Page - MolexKits 52885-0274 Datasheet HTML 2Page - MolexKits 52885-0274 Datasheet HTML 3Page - MolexKits 52885-0274 Datasheet HTML 4Page - MolexKits 52885-0274 Datasheet HTML 5Page - MolexKits 52885-0274 Datasheet HTML 6Page - MolexKits

52885-0274 Product details

Product Highlights
The SEARAY board-to-board connector is designed for computer, networking, telecom, storage and general market applications with high pin-count devices or memory modules that are mounted on mezzanine or module PC Boards (PCBs). The design of our SEARAY has superior electrical and mechanical features that are cost competitive. The unique, Molex-patented, solder charge technology results in better process yields and a lower applied cost versus equivalent BGA connector products. Circuit sizes range from 160 through 500 positions, and mated stack heights cover 7mm (.276") to 13mm (.512").

Features and Benefits
• Unique patented solder attach is more cost effective and reliable than BGA
• SEARAY footprint is compatible with other 1.27mm(.050") by 1.27mm(.050") products
• Robust guidance and polarization aligns connectors to mate in correct position
• Advanced gold-plated housings with integrated shielding system
• Two points of contact on each signal
• Multiple stack heights from 10 to25mm (.394 to .984")
• Available in 6, 12, 24, and 36 differential pair sizes (12, 24, 48 and 72 contacts)
• Up to 32mm board-to-board stack heights
• For parallel board packaging
• Available in press-fit or solder tail
• For Mezzanine cards, parallel backplanes and bridge board applications
• End walls facilitate blind mating
• Surface Mount Compatible
• High-density 2.00mm metric connector in the same form factor as Future bus
• 6-row 2mm connector provides 30 contacts per linear centimeter (> 75/inch)
• Designed for high-density, high-speed applications
• Modular components for design flexibility; 72 position (6 row by 12) and 144 position (6 row by 24) modules
• Tail lengths available in 0.5mm increments to optimize PCB thickness
• 3 GHz performance
• Cross Talk < 7%
• 6.00 to 16.00mm stack heights
• Economical design
• For 50 and 100 Ohm applications
• Anti-flux design
• Metal solder tabs provide PCB hold down and strain relief for SMT tails
• Polarizing pegs assist placement
• Housing lock on 20 to 60 circuits
• Superior terminal design/wipe length
• Easy board processing
• End-to-end stackable
• Strain relieving board hooks
• Also available without board hooks
• Various pin lengths available
• Voided circuits available (contact Molex)
• Versions to accept mating pins vertically, horizontally or through the PCB
• Leaf-style design protects pins
• Low insertion force
• For use in combinations of 1 to 4 mated pairs
• High-temperature LCP housing for use with lead-free processing temps
• Multiple stack heights 8.00-15.00mm (.315-.591"), offers design flexibility
• Low mating forces, less stress on PCB and solder joints
• Select 30u" Gold plating on contact, high reliability with 100-cycle durability rating
• Anti-flux intrusion feature, compatible with no-wash soldering processes
• Polarized D-shape leaf contact for parallel board packaging
• Leaf-style interface provides highdurability
• Available in 50, 68, and 80 circuits
• Blind-mate version
• SMT versions available
• Receptacle mates to standard .062 inch pc card edge
• Polarized guide posts allow extra lead-in on blind-mate versions
• Polarized guide features provide generous 2.0mm radial lead-in for blind mating
• Press-fit retention pegs for mechanical hold down before and after processing
• Low profile—12.50mm (.492") stack height for parallel board stacking
• Surface Mount Compatible

Applications
• High and Mid-Range Computers and Servers
• Medical Scanning Equipment
• Military
• Network Routers and Switches
• Mobile Base Stations
• Mobile Phone
• PDA
• Digital Video Camera
• Digital Still Camera
• Digital Video Player
• Digital Audio Player
• Voice Recorder
• Notebook PC
• Any Compact Applications
• Switches and Hubs
• Routers
• Servers and Blade Servers
• Workstations
• Storage Devices
• High-End Computer
• Storage
• Telecom (General)
• Broadcast Equipment
• Telecom Infrastructure
• Networking
• Telecom (Home/Office)
• Vending and Gaming Machines
• Production Equipment
• Industrial Instruments
• Energy and Power
• Comfort and Infotainment
• Brown Goods
• Security and Alarms
• Business Machines
• Computer Peripherals
• Consumer (General)
• Vending and Gaming
• Business Machines
• High-End Computer
• Production Equipment
• Network Interface Cards for NIC-HBA
• SCSI Host Bus and Adapter Cards for NIC-HBA
• Board-to-Board Mezzanine Connectors for SwitchRouter
• Mezzanine Card Connectors for Server
• Mezzanine Card Connectors for Disk Array




Similar Part No. - 52885-0274

ManufacturerPart #DatasheetDescription
logo
MolexKits
52885-0274 MOLEXKITS-52885-0274 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
logo
Molex Electronics Ltd.
52885-0274 MOLEX7-52885-0274 Datasheet
506Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 20 Circuits, Lead-free
More results


Similar Description - 52885-0274

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0146 MOLEXKITS-76650-0146 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
Intel Corporation
325119-001 INTEL-325119-001 Datasheet
3Mb / 174P
   Intel짰 Xeon짰 Processor E7-8800/4800/2800 Product Families
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Molex Electronics Ltd.
5017500874 MOLEX11-5017500874 Datasheet
86Kb / 3P
   0.635mm (.025") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 5.00mm
logo
TE Connectivity Ltd
120521 TEC-120521 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
logo
Adam Technologies, Inc.
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
Molex Electronics Ltd.
0751400017 MOLEX9-0751400017 Datasheet
321Kb / 5P
   1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com