Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D11777-000 Datasheet (PDF) - Tyco Electronics

D11777-000 Datasheet PDF - Tyco Electronics
Part # D11777-000
Download  D11777-000 Download

File Size   364.39 Kbytes
Page   10 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5mm Series Metal Oxide Varistors

D11777-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
D11777-000 Datasheet PDF - Tyco Electronics

Part # D11777-000
Download  D11777-000 Click to download

File Size   364.39 Kbytes
Page   10 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5mm Series Metal Oxide Varistors

D11777-000 Datasheet (HTML) - Tyco Electronics

D11777-000 Datasheet HTML 1Page - Tyco Electronics D11777-000 Datasheet HTML 2Page - Tyco Electronics D11777-000 Datasheet HTML 3Page - Tyco Electronics D11777-000 Datasheet HTML 4Page - Tyco Electronics D11777-000 Datasheet HTML 5Page - Tyco Electronics D11777-000 Datasheet HTML 6Page - Tyco Electronics D11777-000 Datasheet HTML 7Page - Tyco Electronics D11777-000 Datasheet HTML 8Page - Tyco Electronics D11777-000 Datasheet HTML 9Page - Tyco Electronics D11777-000 Datasheet HTML 10Page - Tyco Electronics



Similar Part No. - D11777-000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D117 MPD-D117 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
D117E MPD-D117E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D117EHI MPD-D117EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D117EI ETC1-D117EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D117EI MPD-D117EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
More results


Similar Description - D11777-000

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com