Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS-4805-1 Datasheet (PDF) - Power Systems GmbH+Co.KG

SRS-4805-1 Datasheet PDF - Power Systems GmbH+Co.KG
Part # SRS-4805-1
Download  SRS-4805-1 Download

File Size   203.92 Kbytes
Page   5 Pages
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG
Description DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER

SRS-4805-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRS-4805-1 Datasheet PDF - Power Systems GmbH+Co.KG

Part # SRS-4805-1
Download  SRS-4805-1 Click to download

File Size   203.92 Kbytes
Page   5 Pages
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG
Description DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER

SRS-4805-1 Datasheet (HTML) - Power Systems GmbH+Co.KG

SRS-4805-1 Datasheet HTML 1Page - Power Systems GmbH+Co.KG SRS-4805-1 Datasheet HTML 2Page - Power Systems GmbH+Co.KG SRS-4805-1 Datasheet HTML 3Page - Power Systems GmbH+Co.KG SRS-4805-1 Datasheet HTML 4Page - Power Systems GmbH+Co.KG SRS-4805-1 Datasheet HTML 5Page - Power Systems GmbH+Co.KG

SRS-4805-1 Product details

SR Series (0,5W TO 1W REGULATED DC-DC CONVERTER)

FEATURES
● 1000VDC ISOLATION
● EFFICIENCY UP TO 72%
● INTERNAL SMD TECHNOLOGY
● LOW COST
● NO HEATSINK REQUIRED
● UP TO 1W REGULATED OUTPUT POWER
● DUAL IN LINE PACKAGE
● 100% BURNED IN
● MTBF > 2,000,000 HOURS




Similar Part No. - SRS-4805-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SRS-4805 MEANWELL-SRS-4805 Datasheet
159Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SRS-4805 MEANWELL-SRS-4805 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
More results


Similar Description - SRS-4805-1

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com