Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W01G Datasheet (PDF) - Zowie Technology Corporation

2W01G Datasheet PDF - Zowie Technology Corporation
Part # 2W01G
Download  2W01G Download

File Size   47.62 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED BRIDGE RECTIFIER

2W01G Datasheet (PDF)

Go To PDF Page Download Datasheet
2W01G Datasheet PDF - Zowie Technology Corporation

Part # 2W01G
Download  2W01G Click to download

File Size   47.62 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED BRIDGE RECTIFIER

2W01G Datasheet (HTML) - Zowie Technology Corporation

2W01G Datasheet HTML 1Page - Zowie Technology Corporation 2W01G Datasheet HTML 2Page - Zowie Technology Corporation

2W01G Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes

FEATURES
* Glass Passivated Die Construction
* Diffused Junction
* Low Foward Voltage Drop, High Current Capability
* Surge Overload Rating to 60A Peak
* Ideal for Printed Circuit Boards
* Case to Terminal Isolation Voltage 2500V 
* Plastic Material has Underwriters Laboratory Flammability
  Classification 94V-0




Similar Part No. - 2W01G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W01G JGD-2W01G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
2W01G MIC-2W01G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
2W01G FAIRCHILD-2W01G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
2W01G SECOS-2W01G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W01G DIODES-2W01G Datasheet
53Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
More results


Similar Description - 2W01G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005L ZOWIE-DF005L Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
KBJ6005G ZOWIE-KBJ6005G Datasheet
53Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
   Glass Passivated Sintered Rectifier
logo
Zowie Technology Corpor...
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com