Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC512-I/SN Datasheet (PDF) - Microchip Technology

24LC512-I/SN Datasheet PDF - Microchip Technology
Part # 24LC512-I/SN
Download  24LC512-I/SN Download

File Size   702.16 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512K I2C??Serial EEPROM

24LC512-I/SN Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC512-I/SN Datasheet PDF - Microchip Technology

Part # 24LC512-I/SN
Download  24LC512-I/SN Click to download

File Size   702.16 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 512K I2C??Serial EEPROM

24LC512-I/SN Datasheet (HTML) - Microchip Technology

Back Button 24LC512-I/SN Datasheet HTML 1Page - Microchip Technology 24LC512-I/SN Datasheet HTML 2Page - Microchip Technology 24LC512-I/SN Datasheet HTML 3Page - Microchip Technology 24LC512-I/SN Datasheet HTML 4Page - Microchip Technology 24LC512-I/SN Datasheet HTML 5Page - Microchip Technology 24LC512-I/SN Datasheet HTML 6Page - Microchip Technology 24LC512-I/SN Datasheet HTML 7Page - Microchip Technology 24LC512-I/SN Datasheet HTML 8Page - Microchip Technology 24LC512-I/SN Datasheet HTML 9Page - Microchip Technology 24LC512-I/SN Datasheet HTML 10Page - Microchip Technology Next Button 

24LC512-I/SN Product details

Description:
The Microchip Technology Inc. 24AA512/24LC512/24FC512 (24XX512*) is a 64K x 8 (512 Kbit) Serial Electrically Erasable PROM, capable of operation across a broad voltage range (1.7V to 5.5V). It has been developed for advanced, low-power applications such as personal communications and data acquisition.

Features:
• Single Supply with Operation down to 1.7V for
   24AA512 and 24FC512 Devices, 2.5V for
   24LC512 Devices
• Low-Power CMOS Technology:
   - Active current 400 uA, typical
   - Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable for up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms max.
• Self-Timed Erase/Write Cycle
• 128-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 years
• Packages Include 8-lead PDIP, SOIJ, SOIC,
   TSSOP, DFN, Chip Scale and 14-lead TSSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E):-40°C to +125°C




Similar Part No. - 24LC512-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC512-I/SN MICROCHIP-24LC512-I/SN Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
More results


Similar Description - 24LC512-I/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24AA512 MICROCHIP-24AA512_05 Datasheet
490Kb / 26P
   512K I2C??CMOS Serial EEPROM
2005
24AA515 MICROCHIP-24AA515_05 Datasheet
373Kb / 22P
   512K I2C??CMOS Serial EEPROM
2005
24AA512 MICROCHIP-24AA512 Datasheet
420Kb / 26P
   512K I2C CMOS Serial EEPROM
2004
24AA512 MICROCHIP-24AA512_08 Datasheet
419Kb / 28P
   512K I2C??CMOS Serial EEPROM
2008
24AA515 MICROCHIP-24AA515_08 Datasheet
352Kb / 24P
   512K I2C??CMOS Serial EEPROM
2008
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com