Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP45CA-AP Datasheet (PDF) - Micro Commercial Components

5KP45CA-AP Datasheet PDF - Micro Commercial Components
Part # 5KP45CA-AP
Download  5KP45CA-AP Download

File Size   509.16 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts

5KP45CA-AP Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP45CA-AP Datasheet PDF - Micro Commercial Components

Part # 5KP45CA-AP
Download  5KP45CA-AP Click to download

File Size   509.16 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts

5KP45CA-AP Datasheet (HTML) - Micro Commercial Components

5KP45CA-AP Datasheet HTML 1Page - Micro Commercial Components 5KP45CA-AP Datasheet HTML 2Page - Micro Commercial Components 5KP45CA-AP Datasheet HTML 3Page - Micro Commercial Components 5KP45CA-AP Datasheet HTML 4Page - Micro Commercial Components

5KP45CA-AP Product details

Features
• Unidirectional And Bidirectional
• UL Recognized File # E480232
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• For Bidirectional Devices Add “C” To The Suffix Of The Part Number: i.e. 5KP6.5C or 5KP6.5CA for 5% Tolerance Devices
• Epoxy meets UL 94 V-0 flammability rating
• Marking : Cathode band and type number
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - 5KP45CA-AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP45CA-B LITTELFUSE-5KP45CA-B Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
5KP45CA-C SECOS-5KP45CA-C Datasheet
357Kb / 4P
   5000W Peak Power TVS
logo
Comchip Technology
5KP45CA-HF COMCHIP-5KP45CA-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
More results


Similar Description - 5KP45CA-AP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST5AK5.0 SSDI-ST5AK5.0 Datasheet
317Kb / 2P
   5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
logo
Micro Commercial Compon...
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com