Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP15B Datasheet (PDF) - Zowie Technology Corporation

RGP15B Datasheet PDF - Zowie Technology Corporation
Part # RGP15B
Download  RGP15B Download

File Size   61.43 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER

RGP15B Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP15B Datasheet PDF - Zowie Technology Corporation

Part # RGP15B
Download  RGP15B Click to download

File Size   61.43 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER

RGP15B Datasheet (HTML) - Zowie Technology Corporation

RGP15B Datasheet HTML 1Page - Zowie Technology Corporation RGP15B Datasheet HTML 2Page - Zowie Technology Corporation

RGP15B Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes

FEATURES
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* For use in high frequence rectifier circuits
* Fast switching for high efficiency
* 1.5 Amperes operation at TA=55oC with no thermal runaway
* Typical IR less than 0.1uA
* High temperature soldering guaranteed: 260oC/10 seconds,
  0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
  Classification 94V-0




Similar Part No. - RGP15B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RGP15B GE-RGP15B Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
EIC discrete Semiconduc...
RGP15B EIC-RGP15B Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP15B MCC-RGP15B Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Vishay Siliconix
RGP15B VISHAY-RGP15B Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
List of Unclassifed Man...
RGP15B ETC-RGP15B Datasheet
45Kb / 2P
   1.5 Amp. Glass Passivated Fast Recovery Rectifier
More results


Similar Description - RGP15B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP10A TAYCHIPST-RGP10A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A ZOWIE-RGP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP02-12H ZOWIE-RGP02-12H Datasheet
64Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
WRGP10AH ZOWIE-WRGP10AH Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP15A TAYCHIPST-RGP15A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP20A TAYCHIPST-RGP20A Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com