Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF1938T-E/SP Datasheet (PDF) - Microchip Technology

PIC16LF1938T-E/SP Datasheet PDF - Microchip Technology
Part # PIC16LF1938T-E/SP
Download  PIC16LF1938T-E/SP Download

File Size   7213.84 Kbytes
Page   418 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology

PIC16LF1938T-E/SP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF1938T-E/SP Datasheet PDF - Microchip Technology

Part # PIC16LF1938T-E/SP
Download  PIC16LF1938T-E/SP Click to download

File Size   7213.84 Kbytes
Page   418 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology

PIC16LF1938T-E/SP Datasheet (HTML) - Microchip Technology

Back Button PIC16LF1938T-E/SP Datasheet HTML 1Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 2Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 3Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 4Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 5Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 6Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 7Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 8Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 9Page - Microchip Technology PIC16LF1938T-E/SP Datasheet HTML 10Page - Microchip Technology Next Button 

PIC16LF1938T-E/SP Product details

High-Performance RISC CPU:
• Only 49 Instructions to Learn:
   - All single-cycle instructions except branches
• Operating Speed:
   - DC – 32 MHz oscillator/clock input
   - DC – 125 ns instruction cycle
• Up to 16K x 14 Words of Flash Program Memory
• Up to 1024 Bytes of Data Memory (RAM)
• Interrupt Capability with automatic context saving
• 16-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Read Access to Program Memory
• Pinout Compatible to other 28/40-pin PIC16CXXX
   and PIC16FXXX Microcontrollers

Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
   - Software selectable frequency range from 32 MHz to 31 kHz
   • Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
   - Selectable between two trip points
   - Disable in Sleep option
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High Endurance Flash/EEPROM cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - Flash/Data EEPROM retention: > 40 years
• Wide Operating Voltage Range:
   - 1.8V-5.5V (PIC16F193X)
   - 1.8V-3.6V (PIC16LF193X)

PIC16LF193X Low-Power Features:
• Standby Current:
   - 60 nA @ 1.8V, typical
• Operating Current:
   - 7.0 μA @ 32 kHz, 1.8V, typical
   - 150 μA @ 1 MHz, 1.8V, typical
• Timer1 Oscillator Current:
   - 600 nA @ 32 kHz, 1.8V, typical
• Low-Power Watchdog Timer Current:
   - 500 nA @ 1.8V, typical (Continue ...)




Similar Part No. - PIC16LF1938T-E/SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1938T-E/SP MICROCHIP-PIC16LF1938T-E/SP Datasheet
4Mb / 508P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
More results


Similar Description - PIC16LF1938T-E/SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F917 MICROCHIP-PIC16F917 Datasheet
4Mb / 272P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16F193X MICROCHIP-PIC16F193X_09 Datasheet
4Mb / 508P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
PIC16LF1904 MICROCHIP-PIC16LF1904 Datasheet
2Mb / 288P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2011
PIC16LF1906-I MICROCHIP-PIC16LF1906-I Datasheet
2Mb / 288P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16F913 MICROCHIP-PIC16F913_07 Datasheet
6Mb / 330P
   28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16F882 MICROCHIP-PIC16F882 Datasheet
5Mb / 288P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F882 MICROCHIP-PIC16F882_09 Datasheet
5Mb / 328P
   28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F1938 MICROCHIP-PIC16F1938_13 Datasheet
9Mb / 488P
   28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16F1933 MICROCHIP-PIC16F1933_11 Datasheet
4Mb / 430P
   28-Pin Flash-Based, 8-Bit CMOS Microcontrollers LCD Driver and nanoWatt XLP Technology
2011
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com