Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1776282-0 Datasheet (PDF) - Tyco Electronics

1-1776282-0 Datasheet PDF - Tyco Electronics
Part # 1-1776282-0
Download  1-1776282-0 Download

File Size   88.15 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm

1-1776282-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-1776282-0 Datasheet PDF - Tyco Electronics

Part # 1-1776282-0
Download  1-1776282-0 Click to download

File Size   88.15 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm

1-1776282-0 Datasheet (HTML) - Tyco Electronics

1-1776282-0 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 1-1776282-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1776280-0 MACOM-1-1776280-0 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776280-1 MACOM-1-1776280-1 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776280-2 MACOM-1-1776280-2 Datasheet
147Kb / 1P
   TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP
1-1776283-0 MACOM-1-1776283-0 Datasheet
101Kb / 1P
   PIVOT BLOCK ASSEMBLY, W/ SCREW FLANGE, 22-24 AWG, GREEN, 3.5mm
1-1776283-1 MACOM-1-1776283-1 Datasheet
101Kb / 1P
   PIVOT BLOCK ASSEMBLY, W/ SCREW FLANGE, 22-24 AWG, GREEN, 3.5mm
More results


Similar Description - 1-1776282-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1776279 MACOM-1776279 Datasheet
271Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, LIGHT BLUE, 3.5mm
C-1776283 MACOM-C-1776283 Datasheet
101Kb / 1P
   PIVOT BLOCK ASSEMBLY, W/ SCREW FLANGE, 22-24 AWG, GREEN, 3.5mm
logo
TE Connectivity Ltd
C-2213145 TEC-C-2213145 Datasheet
300Kb / 1P
   CONNECTOR ASSEMBLY, PIVOT POWER RJ45
logo
Tyco Electronics
C-284512 MACOM-C-284512 Datasheet
153Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 3.5mm PITCH
C-284514 MACOM-C-284514 Datasheet
124Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-1776099 MACOM-C-1776099 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-1776130 MACOM-C-1776130 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
647017 MACOM-647017 Datasheet
257Kb / 2P
   02JUN08 ASSEMBLY, CLOSED END, 24 AWG
logo
Pasternack Enterprises,...
PE34576-24 PASTERNACK-PE34576-24 Datasheet
377Kb / 4P
   3.5mm Male to 3.5mm Male Cable 24 Inch
logo
Tyco Electronics
C-1776132 MACOM-C-1776132 Datasheet
101Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, W/THREADED FLG, 3.5mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com