Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-284008-9 Datasheet (PDF) - Tyco Electronics

1-284008-9 Datasheet PDF - Tyco Electronics
Part # 1-284008-9
Download  1-284008-9 Download

File Size   47.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK HEADER ASSEMBLY 90 ? WITH EJECTORS 5.08mm PITCH

1-284008-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-284008-9 Datasheet PDF - Tyco Electronics

Part # 1-284008-9
Download  1-284008-9 Click to download

File Size   47.37 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK HEADER ASSEMBLY 90 ? WITH EJECTORS 5.08mm PITCH

1-284008-9 Datasheet (HTML) - Tyco Electronics

1-284008-9 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 1-284008-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-284040-0 MACOM-1-284040-0 Datasheet
69Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
logo
TE Connectivity Ltd
1-284040-0 TEC-1-284040-0 Datasheet
196Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-284040-1 MACOM-1-284040-1 Datasheet
69Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
logo
TE Connectivity Ltd
1-284040-1 TEC-1-284040-1 Datasheet
196Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-284040-2 MACOM-1-284040-2 Datasheet
69Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
More results


Similar Description - 1-284008-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282814 MACOM-C-282814 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 STACKING WITH INTERLOCK 5.08mm PITCH
C-796866 MACOM-C-796866 Datasheet
151Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.08mm PITCH
C-284539 MACOM-C-284539 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
C-284541 MACOM-C-284541 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? 3.81mm PITCH WITH THREADED FLANGE
C-796864 MACOM-C-796864 Datasheet
114Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.00mm PITCH
C-1546518 MACOM-C-1546518 Datasheet
57Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS, STACKING 5.08mm PITCH
C-282966 MACOM-C-282966 Datasheet
44Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 7.62mm PITCH
C-282817 MACOM-C-282817 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10mm PITCH
C-796645 MACOM-C-796645 Datasheet
114Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.00mm PITCH
C-282818 MACOM-C-282818 Datasheet
42Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? CLOSED ENDS 10.16mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com