Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-796866-1 Datasheet (PDF) - Tyco Electronics

1-796866-1 Datasheet PDF - Tyco Electronics
Part # 1-796866-1
Download  1-796866-1 Download

File Size   151.03 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.08mm PITCH

1-796866-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-796866-1 Datasheet PDF - Tyco Electronics

Part # 1-796866-1
Download  1-796866-1 Click to download

File Size   151.03 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.08mm PITCH

1-796866-1 Datasheet (HTML) - Tyco Electronics

1-796866-1 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 1-796866-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-796861-0 MACOM-1-796861-0 Datasheet
65Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG, LEFT HAND, W/ LOCKING SCREW, 5.08mm PITCH
logo
TE Connectivity Ltd
1-796861-0 TEC-1-796861-0 Datasheet
311Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-796861-1 MACOM-1-796861-1 Datasheet
65Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG, LEFT HAND, W/ LOCKING SCREW, 5.08mm PITCH
logo
TE Connectivity Ltd
1-796861-1 TEC-1-796861-1 Datasheet
311Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-796861-2 MACOM-1-796861-2 Datasheet
65Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG, LEFT HAND, W/ LOCKING SCREW, 5.08mm PITCH
More results


Similar Description - 1-796866-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796864 MACOM-C-796864 Datasheet
114Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.00mm PITCH
C-796859 MACOM-C-796859 Datasheet
252Kb / 2P
   TERMINAL BLOCK, PLUG , 90 DEGREE, WITH FLANGE, 5.08mm PITCH
C-796858 MACOM-C-796858 Datasheet
52Kb / 1P
   TERMINAL BLOCK PLUG, 90 DEGREE, WITH FLANGE 5.00mm PITCH
C-284539 MACOM-C-284539 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
C-284541 MACOM-C-284541 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? 3.81mm PITCH WITH THREADED FLANGE
C-282815 MACOM-C-282815 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1776141 MACOM-C-1776141 Datasheet
107Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1776134 MACOM-C-1776134 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH
C-1776155 MACOM-C-1776155 Datasheet
78Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 7.62mm PITCH
C-1776148 MACOM-C-1776148 Datasheet
108Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com