Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB126-2 Datasheet (PDF) - Power-One

PSB126-2 Datasheet PDF - Power-One
Part # PSB126-2
Download  PSB126-2 Download

File Size   57.5 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 3...8 A Switching Regulators

PSB126-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB126-2 Datasheet PDF - Power-One

Part # PSB126-2
Download  PSB126-2 Click to download

File Size   57.5 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 3...8 A Switching Regulators

PSB126-2 Datasheet (HTML) - Power-One

PSB126-2 Datasheet HTML 1Page - Power-One PSB126-2 Datasheet HTML 2Page - Power-One PSB126-2 Datasheet HTML 3Page - Power-One PSB126-2 Datasheet HTML 4Page - Power-One

PSB126-2 Product details

Input voltage up to 144 VDC

Single output of 5.1 to 48 VDC

No input-to-output isolation



Features

• RoHS lead solder exemption compliant

• Efficiency up to 96%

• Low input-output differential voltage

• No derating over temperature



 




Similar Part No. - PSB126-2

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB126-2 POWER-ONE-PSB126-2 Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
More results


Similar Description - PSB126-2

ManufacturerPart #DatasheetDescription
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
   8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
   8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
   8 AMP SWITCHING REGULATORS
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com