Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL159-2R Datasheet (PDF) - Power-One

PSL159-2R Datasheet PDF - Power-One
Part # PSL159-2R
Download  PSL159-2R Download

File Size   59.03 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6...12 A Switching Regulators

PSL159-2R Datasheet (PDF)

Go To PDF Page Download Datasheet
PSL159-2R Datasheet PDF - Power-One

Part # PSL159-2R
Download  PSL159-2R Click to download

File Size   59.03 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6...12 A Switching Regulators

PSL159-2R Datasheet (HTML) - Power-One

PSL159-2R Datasheet HTML 1Page - Power-One PSL159-2R Datasheet HTML 2Page - Power-One PSL159-2R Datasheet HTML 3Page - Power-One PSL159-2R Datasheet HTML 4Page - Power-One

PSL159-2R Product details

Input voltage up to 144 V DC
Single output of 5.1...48 V DC
No input to output isolation

• Efficiency up to 97%
• Low input-output differential voltage
• No derating over temperature




Similar Part No. - PSL159-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL159-2R POWER-ONE-PSL159-2R Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
More results


Similar Description - PSL159-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Power-One
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com