Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD10UBY Datasheet (PDF) - Power-One

SLD10UBY Datasheet PDF - Power-One
Part # SLD10UBY
Download  SLD10UBY Download

File Size   49.29 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

SLD10UBY Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD10UBY Datasheet PDF - Power-One

Part # SLD10UBY
Download  SLD10UBY Click to download

File Size   49.29 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

SLD10UBY Datasheet (HTML) - Power-One

SLD10UBY Datasheet HTML 1Page - Power-One SLD10UBY Datasheet HTML 2Page - Power-One

SLD10UBY Product details

Description
The SLD10 series of DC/Dc converters provide two independently regulated low-voltage outputs from a single 3.3V or 5V input. Each output can provide up to 6A of output current and has an independent feedback loop and an independent trim function. These non-isolated point-of-load converters are through hole mounted. High efficiency, low space requirements, and flexible loading characteristics make these converters ideal multivoltage sources for powering ASICs.
   
Features
• Two independently regulated outputs
• Efficiency in excess of 90%
• 10A of combined output current at 65°C and
    200LFM
• Flexible output load distribution
• Output overcurrent protection
• Remote ON/OFF
• Output voltage trim adjust for each output
• Straight and right angle pins configurations




Similar Part No. - SLD10UBY

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017 Datasheet
3Mb / 146P
   TVS Diode Products
SLD10U-017-B LITTELFUSE-SLD10U-017-B Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10U-017 LITTELFUSE-SLD10U-017_09 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
More results


Similar Description - SLD10UBY

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
logo
Power-One
PHD32UDD POWER-ONE-PHD32UDD Datasheet
53Kb / 2P
   PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
   PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com