Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1776280-8 Datasheet (PDF) - Tyco Electronics

1776280-8 Datasheet PDF - Tyco Electronics
Part # 1776280-8
Download  1776280-8 Download

File Size   147.52 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP

1776280-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
1776280-8 Datasheet PDF - Tyco Electronics

Part # 1776280-8
Download  1776280-8 Click to download

File Size   147.52 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK , 90 DEGREE, STACKING W/WIRE PROTECTION 5.0mm PITCH, HIGH TEMP

1776280-8 Datasheet (HTML) - Tyco Electronics

1776280-8 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 1776280-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1776282-2 MACOM-1776282-2 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1776282-3 MACOM-1776282-3 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1776282-4 MACOM-1776282-4 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1776282-5 MACOM-1776282-5 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
1776282-6 MACOM-1776282-6 Datasheet
88Kb / 1P
   PIVOT BLOCK ASSEMBLY, 22-24 AWG, GREEN, 3.5mm
More results


Similar Description - 1776280-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776263 MACOM-C-1776263 Datasheet
222Kb / 2P
   TERMINAL BLOCK, 90 DEGREE, STACKING W/WIRE PROTECTION, 5.0mm PITCH, HIGH TEMP
C-1546173 MACOM-C-1546173 Datasheet
115Kb / 1P
   TERMINAL BLOCK, PLUG, 90 DEGREE, STACKING, 5.0mm PITCH
C-1776252 MACOM-C-1776252 Datasheet
165Kb / 2P
   TERMINAL BLOCK 45 DEGREE WIRE INLET W/INTERLOCK, 5.0mm PITCH, HIGH TEMP
C-284052 MACOM-C-284052 Datasheet
45Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER ASSEMBLY 90 ? STACKING W/INTERLOCK 5.0mm PITCH
C-1546018 MACOM-C-1546018 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-282830 MACOM-C-282830 Datasheet
215Kb / 2P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-1546226 MACOM-C-1546226 Datasheet
81Kb / 1P
   TERMINAL BLOCK PLUG 90/270 DEGREE 5.0mm PITCH
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-1776141 MACOM-C-1776141 Datasheet
107Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com