Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1546223-5 Datasheet (PDF) - Tyco Electronics

1546223-5 Datasheet PDF - Tyco Electronics
Part # 1546223-5
Download  1546223-5 Download

File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, VERTICAL, STACKING, LEFT HAND 5.00mm PITCH

1546223-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1546223-5 Datasheet PDF - Tyco Electronics

Part # 1546223-5
Download  1546223-5 Click to download

File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, VERTICAL, STACKING, LEFT HAND 5.00mm PITCH

1546223-5 Datasheet (HTML) - Tyco Electronics

1546223-5 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 1546223-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1546224-2 MACOM-1546224-2 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
1546224-3 MACOM-1546224-3 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
1546224-4 MACOM-1546224-4 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
1546224-5 MACOM-1546224-5 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
1546224-6 MACOM-1546224-6 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
More results


Similar Description - 1546223-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546118 MACOM-C-1546118 Datasheet
67Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
C-1546224 MACOM-C-1546224 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
C-284041 MACOM-C-284041 Datasheet
115Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING, LEFT HAND 5.08mm PITCH
C-284040 MACOM-C-284040 Datasheet
69Kb / 2P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.0mm PITCH
C-1546208 MACOM-C-1546208 Datasheet
184Kb / 2P
   TERMINAL BLOCK PLUG, STACKING, 5.00mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
   TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-796640 MACOM-C-796640 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
C-284049 MACOM-C-284049 Datasheet
105Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING, RIGHT HAND 7.62mm PITCH
C-1546231 MACOM-C-1546231 Datasheet
46Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING RIGHT HAND 5.08mm PITCH
C-284047 MACOM-C-284047 Datasheet
642Kb / 8P
   TERMINAL BLOCK VERTICAL PLUG STACKING RIGHT HAND 5.08mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com