Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72F324K2B5 Datasheet (PDF) - STMicroelectronics

ST72F324K2B5 Datasheet PDF - STMicroelectronics
Part # ST72F324K2B5
Download  ST72F324K2B5 Download

File Size   2903.4 Kbytes
Page   164 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE

ST72F324K2B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72F324K2B5 Datasheet PDF - STMicroelectronics

Part # ST72F324K2B5
Download  ST72F324K2B5 Click to download

File Size   2903.4 Kbytes
Page   164 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE

ST72F324K2B5 Datasheet (HTML) - STMicroelectronics

Back Button ST72F324K2B5 Datasheet HTML 1Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 2Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 3Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 4Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 5Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 6Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 7Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 8Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 9Page - STMicroelectronics ST72F324K2B5 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST72F324K2B5 Product details

INTRODUCTION
The ST72324 devices are members of the ST7 microcontroller family designed for the 5V operating range.
    – The 32-pin devices are designed for mid-range applications
    – The 42/44-pin devices target the same range of applications requiring more than 24 I/O ports.

■ Memories
    – 8 to 32K dual voltage High Density Flash (HDFlash) with read-out protection capability. InApplication Programming and In-Circuit Programming for HDFlash devices
    – 384 to 1K bytes RAM
    – HDFlash endurance: 100 cycles, data retention: 20 years at 55°C
■ Clock, Reset And Supply Management
    – Enhanced low voltage supervisor (LVD) for main supply with programmable reset thresholds and auxiliary voltage detector (AVD) with interrupt capability
    – Clock sources: crystal/ceramic resonator oscillators, internal RC oscillator, clock security system and bypass for external clock
    – PLL for 2x frequency multiplication
    – Four Power Saving Modes: Halt, Active-Halt, Wait and Slow
■ Interrupt Management
    – Nested interrupt controller
    – 10 interrupt vectors plus TRAP and RESET
    – 9/6 external interrupt lines (on 4 vectors)
■ Up to 32 I/O Ports
    – 32/24 multifunctional bidirectional I/O lines
    – 22/17 alternate function lines
    – 12/10 high sink outputs
■ 4 Timers
    – Main Clock Controller with: Real time base, Beep and Clock-out capabilities
    – Configurable watchdog timer
    – 16-bit Timer A with: 1 input capture, 1 output compare, external clock input, PWM and pulse generator modes
    – 16-bit Timer B with: 2 input captures, 2 output compares, PWM and pulse generator modes
■ 2 Communication Interfaces
    – SPI synchronous serial interface
    – SCI asynchronous serial interface
■ 1 Analog Peripheral (low current coupling)
    – 10-bit ADC with up to 12 robust input ports
■ Instruction Set
    – 8-bit Data Manipulation
    – 63 Basic Instructions
    – 17 main Addressing Modes
    – 8 x 8 Unsigned Multiply Instruction
■ Development Tools
    – Full hardware/software development package
    – In-Circuit Testing capability




Similar Part No. - ST72F324K2B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F324K2B5 STMICROELECTRONICS-ST72F324K2B5 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Similar Description - ST72F324K2B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com