Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FMC1S6B6 Datasheet (PDF) - STMicroelectronics

ST7FMC1S6B6 Datasheet PDF - STMicroelectronics
Part # ST7FMC1S6B6
Download  ST7FMC1S6B6 Download

File Size   5031.41 Kbytes
Page   309 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?

ST7FMC1S6B6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7FMC1S6B6 Datasheet PDF - STMicroelectronics

Part # ST7FMC1S6B6
Download  ST7FMC1S6B6 Click to download

File Size   5031.41 Kbytes
Page   309 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?

ST7FMC1S6B6 Datasheet (HTML) - STMicroelectronics

Back Button ST7FMC1S6B6 Datasheet HTML 1Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 2Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 3Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 4Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 5Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 6Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 7Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 8Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 9Page - STMicroelectronics ST7FMC1S6B6 Datasheet HTML 10Page - STMicroelectronics Next Button 

ST7FMC1S6B6 Product details

INTRODUCTION
The ST7MCx device is member of the ST7 microcontroller family designed for mid-range applications with a Motor Control dedicated peripheral.
All devices are based on a common industrystandard 8-bit core, featuring an enhanced instruction set and are available with FLASH, ROM or FASTROM program memory.
Under software control, all devices can be placed in Wait, Slow, Active-halt or Halt mode, reducing power consumption when the application is in idle or stand-by state.

Features
■ Memories
   – 8K to 60K dual voltage Flash Program memory or ROM with read-out protection capability, In-application programming and In-circuit programming.
   – 384 to 1.5K RAM
   – HDFlash endurance: 100 cycles, data retention: 40 years at 85°C
■ Clock, reset and supply management
   – Enhanced reset system
   – Enhanced low voltage supervisor (LVD) for main supply and auxiliary voltage detector (AVD) with interrupt capability
   – Clock sources: crystal/ceramic resonator oscillators and by-pass for external clock, clock security system.
   – Four power saving modes: Halt, Active-halt, Wait and Slow
■ Interrupt management
   – Nested interrupt controller
   – 14 interrupt vectors plus TRAP and RESET
   – MCES top level interrupt pin
   – 16 external interrupt lines (on 3 vectors)
■ Up to 60 I/O ports
   – up to 60 multifunctional bidirectional I/O lines
   – up to 41 alternate function lines
   – up to 12 high sink outputs
■ 5 timers
   – Main clock controller with: Real-time base, Beep and clock-out capabilities
   – Configurable window watchdog timer
   – Two 16-bit timers with: 2 input captures, 2 output compares, external clock input, PWM and pulse generator modes
   – 8-bit PWM Auto-reload timer with: 2 input captures, 4 PWM outputs, output compare and time base interrupt, external clock with event detector
■ 2 Communication interfaces
   – SPI synchronous serial interface
   – LINSCI™ asynchronous serial interface
■ Brushless motor control peripheral
   – 6 high sink PWM output channels for sinewave or trapezoidal inverter control
   – Motor safety including asynchronous emergency stop and write-once registers
   – 4 analog inputs for rotor position detection (sensorless/hall/tacho/encoder)
   – Permanent magnet motor coprocessor including multiplier, programmable filters, blanking windows and event counters
   – Operational amplifier and comparator for current/voltage mode regulation and limitation
■ Analog peripheral
   – 10-bit ADC with 16 input pins
■ In-circuit Debug
■ Instruction set
   – 8-bit data manipulation
   – 63 basic instructions with illegal opcode detection
   – 17 main Addressing modes
   – 8 x 8 unsigned multiply instruction
   – True bit manipulation
■ Development tools
   – Full hardware/software development package




Similar Part No. - ST7FMC1S6B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FMC1K2B6 STMICROELECTRONICS-ST7FMC1K2B6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2T3 STMICROELECTRONICS-ST7FMC1K2T3 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2T6 STMICROELECTRONICS-ST7FMC1K2T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2TC STMICROELECTRONICS-ST7FMC1K2TC Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K4T6 STMICROELECTRONICS-ST7FMC1K4T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
More results


Similar Description - ST7FMC1S6B6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com