Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-329E Datasheet (PDF) - Tyco Electronics

E-329E Datasheet PDF - Tyco Electronics
Part # E-329E
Download  E-329E Download

File Size   57.26 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-329E 3PDT, 10 Amps, 115 VAC

E-329E Datasheet (PDF)

Go To PDF Page Download Datasheet
E-329E Datasheet PDF - Tyco Electronics

Part # E-329E
Download  E-329E Click to download

File Size   57.26 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-329E 3PDT, 10 Amps, 115 VAC

E-329E Datasheet (HTML) - Tyco Electronics

E-329E Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - E-329E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-326 MACOM-E-326 Datasheet
30Kb / 1P
   Phase Rotation Sensor 1 Amp, 115 VAC
E-326A MACOM-E-326A Datasheet
40Kb / 1P
   E-326A 1 Amp, 115 VAC
E-326E MACOM-E-326E Datasheet
76Kb / 1P
   E-326E SPDT, 5 Amps, 460 VAC
E-327AD MACOM-E-327AD Datasheet
76Kb / 1P
   E-327AD 2PST, 10 Amps, 115 VAC
More results


Similar Description - E-329E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-308AH MACOM-E-308AH Datasheet
55Kb / 1P
   E-308AH 3PDT, 10 Amps, 115 VAC
E-327AD MACOM-E-327AD Datasheet
76Kb / 1P
   E-327AD 2PST, 10 Amps, 115 VAC
D-25BD MACOM-D-25BD Datasheet
76Kb / 1P
   3PDT, 100 Amps, 115/200 VAC, 400 Hz
B-394 MACOM-B-394 Datasheet
95Kb / 1P
   B-394 3PDT, 250 Amps,115/200 VAC, 400 Hz
B-233R MACOM-B-233R Datasheet
62Kb / 1P
   B-233R 3PDT, 120 Amps,115/200 VAC, 400 Hz
DH-7BC MACOM-DH-7BC Datasheet
74Kb / 1P
   DH-7BC 3PDT, 60 Amps,115/208 VAC, 400 Hz
BH-360A MACOM-BH-360A Datasheet
94Kb / 1P
   BH-360A 3PDT, 250 Amps,115/200 VAC, 400 Hz
D-7GRZ MACOM-D-7GRZ Datasheet
47Kb / 1P
   D-7GRZ 3PDT, 50 Amps,115/200 VAC, 400 Hz
DP-25BD MACOM-DP-25BD Datasheet
60Kb / 1P
   DP-25BD 3PDT, 100 Amps,115/200 VAC, 400 Hz
B-233T MACOM-B-233T Datasheet
65Kb / 1P
   B-233T 3PDT, 160 Amps, 115/200 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com