Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A5 Datasheet (PDF) - Gulf Semiconductor

1A5 Datasheet PDF - Gulf Semiconductor
Part # 1A5
Download  1A5 Download

File Size   638.31 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description MINIATURE PLASTIC RECTIFIERVOLTAGE50 TO 1000V CURRENT 1.0A

1A5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1A5 Datasheet PDF - Gulf Semiconductor

Part # 1A5
Download  1A5 Click to download

File Size   638.31 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description MINIATURE PLASTIC RECTIFIERVOLTAGE50 TO 1000V CURRENT 1.0A

1A5 Datasheet (HTML) - Gulf Semiconductor

1A5 Datasheet HTML 1Page - Gulf Semiconductor 1A5 Datasheet HTML 2Page - Gulf Semiconductor

1A5 Product details

VOLTAGE50 TO 1000V CURRENT 1.0A

FEATURE
• Molded case feature for auto insertion
• High current capability
• Low leakage current
• High surge capability
• High temperature soldering guaranteed
• 250°C/10sec/0.375”lead length at 5 lbs tension




Similar Part No. - 1A5

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A5 LRC-1A5 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Pan Jit International I...
1A5 PANJIT-1A5 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
1A5 WTE-1A5 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Diode Semiconductor Kor...
1A5 DSK-1A5 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
RFE international
1A5 RFE-1A5 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results


Similar Description - 1A5

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1G1 GULFSEMI-1G1 Datasheet
638Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com