Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4A Datasheet (PDF) - Gulf Semiconductor

GBU4A Datasheet PDF - Gulf Semiconductor
Part # GBU4A
Download  GBU4A Download

File Size   154.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A

GBU4A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU4A Datasheet PDF - Gulf Semiconductor

Part # GBU4A
Download  GBU4A Click to download

File Size   154.71 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A

GBU4A Datasheet (HTML) - Gulf Semiconductor

GBU4A Datasheet HTML 1Page - Gulf Semiconductor GBU4A Datasheet HTML 2Page - Gulf Semiconductor

GBU4A Product details

Voltage: 50 to 1000V Current: 4.0A

Features
• Ideal for printed circuit board
• Glass passivated chip junction
• High case dielectric strength
• High surge current capability
• This series is UL listed under Recognized Component Index, file number E185029




Similar Part No. - GBU4A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU4A PANJIT-GBU4A Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
New Jersey Semi-Conduct...
GBU4A NJSEMI-GBU4A Datasheet
152Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Semikron International
GBU4A SEMIKRON-GBU4A Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBU4A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G3SBA05 GULFSEMI-G3SBA05 Datasheet
128Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GBLA005 GULFSEMI-GBLA005 Datasheet
186Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
GSIB4A05 GULFSEMI-GSIB4A05 Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GSIB405 GULFSEMI-GSIB405 Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GBL005 GULFSEMI-GBL005 Datasheet
180Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
UG4KB05 GULFSEMI-UG4KB05 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
KBL005 GULFSEMI-KBL005 Datasheet
87Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:4.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com