Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGSP12W Datasheet (PDF) - Gulf Semiconductor

RGSP12W Datasheet PDF - Gulf Semiconductor
Part # RGSP12W
Download  RGSP12W Download

File Size   96.61 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A

RGSP12W Datasheet (PDF)

Go To PDF Page Download Datasheet
RGSP12W Datasheet PDF - Gulf Semiconductor

Part # RGSP12W
Download  RGSP12W Click to download

File Size   96.61 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A

RGSP12W Datasheet (HTML) - Gulf Semiconductor

RGSP12W Datasheet HTML 1Page - Gulf Semiconductor RGSP12W Datasheet HTML 2Page - Gulf Semiconductor



Similar Part No. - RGSP12W

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_EU ORING-RGS-9168GCP-E_EU Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_JP ORING-RGS-9168GCP-E_JP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_UK ORING-RGS-9168GCP-E_UK Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
More results


Similar Description - RGSP12W

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGRP12D GULFSEMI-UGRP12D Datasheet
88Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UESP12J GULFSEMI-UESP12J Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UERA12D GULFSEMI-UERA12D Datasheet
77Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UESA10J GULFSEMI-UESA10J Datasheet
90Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com