Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W04M Datasheet (PDF) - Gulf Semiconductor

W04M Datasheet PDF - Gulf Semiconductor
Part # W04M
Download  W04M Download

File Size   2837.74 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.5A

W04M Datasheet (PDF)

Go To PDF Page Download Datasheet
W04M Datasheet PDF - Gulf Semiconductor

Part # W04M
Download  W04M Click to download

File Size   2837.74 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.5A

W04M Datasheet (HTML) - Gulf Semiconductor

W04M Datasheet HTML 1Page - Gulf Semiconductor W04M Datasheet HTML 2Page - Gulf Semiconductor

W04M Product details

VOLTAGE: 50 TO 1000V CURRENT: 1.5A

FEATURE
    Ideal for printed circuit board
    Surge overload rating: 50 A peak
    High case dielectric strength




Similar Part No. - W04M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W04M WTE-W04M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Micro Commercial Compon...
W04M MCC-W04M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W04M WTE-W04M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W04M SEMTECH_ELEC-W04M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
W04M RECTRON-W04M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results


Similar Description - W04M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
W005 GULFSEMI-W005 Datasheet
97Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
G2SB05 GULFSEMI-G2SB05 Datasheet
163Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 1.5A
DB151 GULFSEMI-DB151 Datasheet
100Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.5A
KBP005G GULFSEMI-KBP005G Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
KBP005 GULFSEMI-KBP005 Datasheet
3Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
KBPC6005 GULFSEMI-KBPC6005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 6.0A
KBL005 GULFSEMI-KBL005 Datasheet
87Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:4.0A
KBPC8005 GULFSEMI-KBPC8005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 8.0A
KBPC15005 GULFSEMI-KBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 15.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com