Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2513 Datasheet (PDF) - RF Micro Devices

RF2513 Datasheet PDF - RF Micro Devices
Part # RF2513
Download  RF2513 Download

File Size   321.16 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF TRANSMITTER

RF2513 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2513 Datasheet PDF - RF Micro Devices

Part # RF2513
Download  RF2513 Click to download

File Size   321.16 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description UHF TRANSMITTER

RF2513 Datasheet (HTML) - RF Micro Devices

Back Button RF2513 Datasheet HTML 1Page - RF Micro Devices RF2513 Datasheet HTML 2Page - RF Micro Devices RF2513 Datasheet HTML 3Page - RF Micro Devices RF2513 Datasheet HTML 4Page - RF Micro Devices RF2513 Datasheet HTML 5Page - RF Micro Devices RF2513 Datasheet HTML 6Page - RF Micro Devices RF2513 Datasheet HTML 7Page - RF Micro Devices RF2513 Datasheet HTML 8Page - RF Micro Devices RF2513 Datasheet HTML 9Page - RF Micro Devices RF2513 Datasheet HTML 10Page - RF Micro Devices Next Button 

RF2513 Product details

Product Description
The RF2513 is a monolithic integrated circuit intended for use as a low-cost frequency synthesizer and transmitter. The device is provided in a 24 pin SSOP package and is designed to provide a phased locked frequency source for use in local oscillator or transmitter applications.

Features
• Fully Integrated PLL Circuit
• 10mW Output Power at 433MHz
• 2.7V to 5.0V Supply Voltage
• Low Current and Power Down Capability
• 300MHz to 1000MHz Frequency Range
• Narrowband and Wideband FM

Typical Applications
• Single- or Dual-Channel LO Source
• FM/FSK Transmitter
• Wireless Data Transmitters
• 433/868/915MHz ISM Band Systems
• Wireless Security Systems




Similar Part No. - RF2513

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
   VHF/UHF TRANSMITTER
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
   UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
   VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
285Kb / 14P
   VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
447Kb / 18P
   VHF/UHF TRANSMITTER
More results


Similar Description - RF2513

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
   UHF TRANSMITTER
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
   VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
   VHF/UHF TRANSMITTER
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
   UHF ASK Transmitter
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
   UHF ASK TRANSMITTER
logo
RF Micro Devices
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
   VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
   VHF/UHF TRANSMITTER
logo
ATMEL Corporation
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
   UHF ASK Transmitter
logo
RF Micro Devices
RF2514 RFMD-RF2514_1 Datasheet
447Kb / 18P
   VHF/UHF TRANSMITTER
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
   TX4915 VHF/UHF TRANSMITTER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com