Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1424 Datasheet (PDF) - Rohm

2SB1424 Datasheet PDF - Rohm
Part # 2SB1424
Download  2SB1424 Download

File Size   101.55 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Vce(sat) Transistor (-20V, -3A)

2SB1424 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1424 Datasheet PDF - Rohm

Part # 2SB1424
Download  2SB1424 Click to download

File Size   101.55 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Vce(sat) Transistor (-20V, -3A)

2SB1424 Datasheet (HTML) - Rohm

2SB1424 Datasheet HTML 1Page - Rohm 2SB1424 Datasheet HTML 2Page - Rohm 2SB1424 Datasheet HTML 3Page - Rohm

2SB1424 Product details

Features
1) Low VCE(sat). VCE(sat) = -0.2V (Typ.) (IC/IB = -2A / -0.1A)
2) Excellent DC current gain characteristics.
3) Complements the 2SD2150 / 2SC4115S.




Similar Part No. - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
   Epitaxial Planar PNP Transistors
logo
Foshan Blue Rocket Elec...
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
91Kb / 4P
   Low VCE(sat) Transistor (−20V, −3A)
logo
Jiangsu Changjiang Elec...
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SB1424 TEL-2SB1424 Datasheet
61Kb / 1P
   Plastic-Encapsulate Transistors
More results


Similar Description - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
   Low VCE(sat) Transistor(-20V,-3A)
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
logo
Hi-Sincerity Mocroelect...
HSD2118J HSMC-HSD2118J Datasheet
55Kb / 5P
   LOW VCE(sat) TRANSISTOR (20V, 5A)
logo
Diodes Incorporated
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
   20V DUAL PNP LOW VCE(SAT) TRANSISTOR
logo
Unisonic Technologies
USS5350 UTC-USS5350 Datasheet
156Kb / 3P
   50V,3A PNP LOW VCE(SAT) TRANSISTOR
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
   20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
   20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
logo
Rohm
2SA1834 ROHM-2SA1834 Datasheet
77Kb / 4P
   Low Vce(sat) Transistor (Strobe flash) (-20V, -10A)
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
   Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com