Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2411K Datasheet (PDF) - Rohm

2SC2411K Datasheet PDF - Rohm
Part # 2SC2411K
Download  2SC2411K Download

File Size   73.77 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 0.5A)

2SC2411K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2411K Datasheet PDF - Rohm

Part # 2SC2411K
Download  2SC2411K Click to download

File Size   73.77 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (32V, 0.5A)

2SC2411K Datasheet (HTML) - Rohm

2SC2411K Datasheet HTML 1Page - Rohm 2SC2411K Datasheet HTML 2Page - Rohm 2SC2411K Datasheet HTML 3Page - Rohm 2SC2411K Datasheet HTML 4Page - Rohm

2SC2411K Product details

Features
1) High ICMax. ICMax. = 0.5A
2) Low VCE(sat). Optimal for low voltage operation.
3) Complements the 2SA1036K.

Structure
  Epitaxial planar type
  NPN silicon transistor



Similar Part No. - 2SC2411K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2411K KEXIN-2SC2411K Datasheet
41Kb / 1P
   Medium Power Transistor
logo
Weitron Technology
2SC2411K WEITRON-2SC2411K Datasheet
1Mb / 5P
   NPN General Purpose Transistors
logo
Pan Jit International I...
2SC2411K PANJIT-2SC2411K Datasheet
359Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
SHENZHEN YONGERJIA INDU...
2SC2411K WINNERJOIN-2SC2411K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
More results


Similar Description - 2SC2411K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
2SC1741S ROHM-2SC1741S Datasheet
71Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Leshan Radio Company
L2SA1036KLT1 LRC-L2SA1036KLT1 Datasheet
126Kb / 4P
   Medium Power Transistor(-32V, -0.5A)
logo
Rohm
2SC4097T106R ROHM-2SC4097T106R Datasheet
66Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com