Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0014600041
|
161Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 24, 3.81關m (150關") Tin/Lead (SnPb)
|
0014600042
|
174Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 24, 3.81關m (150關") Tin/Lead (SnPb),4 Circuits
|
0014600044
|
177Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 26, 3.81關m (150關") Tin/Lead (SnPb)
|
0014600045
|
163Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly,Female, Single Row, Version A, Nonpolarized, Wire Size 28, 3.81關m (150關") Tin/Lead (SnPb), 4 Circuits
|
0014600046
|
177Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 28, 3.81關m (150關") Tin/Lead (SnPb)
|