Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3714F Datasheet (PDF) - Rohm

BA3714F Datasheet PDF - Rohm
Part # BA3714F
Download  BA3714F Download

File Size   45.21 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V signal sensor

BA3714F Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3714F Datasheet PDF - Rohm

Part # BA3714F
Download  BA3714F Click to download

File Size   45.21 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V signal sensor

BA3714F Datasheet (HTML) - Rohm

BA3714F Datasheet HTML 1Page - Rohm BA3714F Datasheet HTML 2Page - Rohm BA3714F Datasheet HTML 3Page - Rohm BA3714F Datasheet HTML 4Page - Rohm

BA3714F Product details

The BA3714F is a signal sensor consisting of a sensor circuit which detects the presence of an input signal, a logic circuit which controls an output drive circuit based on the input signal, and an output drive circuit. The signal sensor circuit employs the dual-wave rectified current method for excellent response.
The outputs TE of Pin 3 and TON of Pin 5 can be respectively set by choosing appropriate values for the capacitor between Pin 7 and VCC and the capacitor between Pin 1 and ground.
Drive outputs include two systems OUT1 and OUT which are controlled by the logic block. These systems can be combined to enable a wide range of designs.

Features
1) Operation possible at ultra-low voltages. (VCC = 0.8 to 4.5V)
2) Minimal attached components.
3) Uses dual rectified current method for excellent signal response.
4) Very low current dissipation. (IQ = 0.9mA)
5) When used for a tape end sensor, can also be used with mechanical auto-off.
6) SOP 8-pin package allows space conservation on the board.

Applications
    Tape end sensors for 1.5 to 3V headphone stereos
    Mute and song selection sensors




Similar Part No. - BA3714F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
   Mute detector IC for 3V sets
logo
List of Unclassifed Man...
BA37931E ETC-BA37931E Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BA37933 ETC-BA37933 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results


Similar Description - BA3714F

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
SG Micro Corp
SGM447 SGMICRO-SGM447 Datasheet
451Kb / 6P
   1.5V Dual-Gain Analog Temperature Sensor with Class-AB Output
NOVEMBER 2022 - REV. A
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Shenzhen Titan Micro El...
TM2292 TITAN-TM2292 Datasheet
429Kb / 9P
   Infrared Sensor Signal Processor
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com