Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93LC56RF Datasheet (PDF) - Rohm

BR93LC56RF Datasheet PDF - Rohm
Part # BR93LC56RF
Download  BR93LC56RF Download

File Size   127.69 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2,048-Bit Serial Electrically Erasable PROM

BR93LC56RF Datasheet (PDF)

Go To PDF Page Download Datasheet
BR93LC56RF Datasheet PDF - Rohm

Part # BR93LC56RF
Download  BR93LC56RF Click to download

File Size   127.69 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2,048-Bit Serial Electrically Erasable PROM

BR93LC56RF Datasheet (HTML) - Rohm

Back Button BR93LC56RF Datasheet HTML 1Page - Rohm BR93LC56RF Datasheet HTML 2Page - Rohm BR93LC56RF Datasheet HTML 3Page - Rohm BR93LC56RF Datasheet HTML 4Page - Rohm BR93LC56RF Datasheet HTML 5Page - Rohm BR93LC56RF Datasheet HTML 6Page - Rohm BR93LC56RF Datasheet HTML 7Page - Rohm BR93LC56RF Datasheet HTML 8Page - Rohm BR93LC56RF Datasheet HTML 9Page - Rohm BR93LC56RF Datasheet HTML 10Page - Rohm Next Button 

BR93LC56RF Product details

•Overview

The BR93LC56 is CMOS serial input / output-type memory circuits (EEPROMs) that can be programmed electrically. Each is configured of 128 words × 16 bits (2,048 bits), and each word can be accessed individually and data read from it and written to it.



•Features

• Low power CMOS technology

• 128 × 16 bit configuration

• 2.7V to 5.5V operation

• Low power dissipation

– 3mA (max.) active current: 5V

– 5µA (max.) standby current: 5V

• Auto increment for efficient data bump

• Automatic erase-before-write

• Hardware and software write protection

– Default to write-disabled state at power up

– Software instructions for write-enable / disable

– Vcc lock out inadvertent write protection

• 8-pin SOP / 8-pin SSOP-B / 8-pin DIP packages

• Device status signal during write cycle

• TTL compatible Input / Output

• 100,000 ERASE / write cycles

• 10 years Data Retention



 




Similar Part No. - BR93LC56RF

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LC46-W ROHM-BR93LC46-W Datasheet
94Kb / 11P
   64횞16bits serial EEPROM
BR93LC46F ROHM-BR93LC46F Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LC46F-W ROHM-BR93LC46F-W Datasheet
94Kb / 11P
   64횞16bits serial EEPROM
BR93LC46FJ-W ROHM-BR93LC46FJ-W Datasheet
94Kb / 11P
   64횞16bits serial EEPROM
More results


Similar Description - BR93LC56RF

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com