Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0040021601
|
155Kb / 5P |
Flat Blade Crimp Terminal, Series 41422, Female, With Tin (Sn) Plated Brass Contact, 10-12 AWG, Reel Packaged
|
0005060117
|
138Kb / 4P |
Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
|
0005060301
|
103Kb / 2P |
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
|
0433740001
|
131Kb / 3P |
Sabre??Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 14-16 AWG, Reel Packaged, with TPA
|
0414225001
|
111Kb / 2P |
Crimp Terminal 41422, 14-18 AWG, Reel
|
43375-0001
|
51Kb / 2P |
Sabre??Crimp Terminal, Female, 14-16 AWG, 3.30mm max. Insulation Diameter, Reel Packaged, Tin (Sn) Plated Brass Contact with TPA
|
0431784002
|
130Kb / 2P |
Sabre??Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
|
0433752001
|
137Kb / 3P |
Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 2.85mm (.112") Max. Insulation Diameter, Reel Packaged
|
0433743001
|
148Kb / 3P |
Sabre??Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 18-20 AWG, Reel Packaged, without TPA, UL1015 or UL1056 Wire
|
0433753001
|
137Kb / 3P |
Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 4.57mm (.180") Max. Insulation Diameter, Reel Packaged
|