Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C43 Datasheet (PDF) - Jinan Gude Electronic Device

BZX84C43 Datasheet PDF - Jinan Gude Electronic Device
Part # BZX84C43
Download  BZX84C43 Download

File Size   100.78 Kbytes
Page   1 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT ZENER DIODES/SOT-23

BZX84C43 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C43 Datasheet PDF - Jinan Gude Electronic Device

Part # BZX84C43
Download  BZX84C43 Click to download

File Size   100.78 Kbytes
Page   1 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT ZENER DIODES/SOT-23

BZX84C43 Datasheet (HTML) - Jinan Gude Electronic Device

BZX84C43 Datasheet HTML 1Page - Jinan Gude Electronic Device

BZX84C43 Product details




Similar Part No. - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C43 VISHAY-BZX84C43 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diodes Incorporated
BZX84C43 DIODES-BZX84C43 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
BZX84C43 TSC-BZX84C43 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Suntan Capacitors
BZX84C43 SUNTAN-BZX84C43 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Dongguan City Niuhang E...
BZX84C43 NIUHANG-BZX84C43 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
Guilin Strong Micro-Ele...
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
DAESAN ELECTRONIC CORP.
BZX84 DAESAN-BZX84 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
   5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
SeCoS Halbleitertechnol...
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
RFE international
LL4148 RFE-LL4148 Datasheet
77Kb / 1P
   SURFACE MOUNT: Switching Diodes MELF & SOT-23
logo
UN Semiconducctor INC
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com