Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5546C Datasheet (PDF) - Jinan Gude Electronic Device

1N5546C Datasheet PDF - Jinan Gude Electronic Device
Part # 1N5546C
Download  1N5546C Download

File Size   243.11 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 0.4W LOW VOLTAGE AVALANCHE DIODES

1N5546C Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5546C Datasheet PDF - Jinan Gude Electronic Device

Part # 1N5546C
Download  1N5546C Click to download

File Size   243.11 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 0.4W LOW VOLTAGE AVALANCHE DIODES

1N5546C Datasheet (HTML) - Jinan Gude Electronic Device

1N5546C Datasheet HTML 1Page - Jinan Gude Electronic Device 1N5546C Datasheet HTML 2Page - Jinan Gude Electronic Device

1N5546C Product details

FEATURES
* Low zener noise specified
* Low zener impedance
* Low leakage current
* Hermetically sealed glass package




Similar Part No. - 1N5546C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5546C MICROSEMI-1N5546C Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5546C-1 MICROSEMI-1N5546C-1 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5546CUR MICROSEMI-1N5546CUR Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5546CUR MICROSEMI-1N5546CUR Datasheet
333Kb / 3P
   Low Voltage Surface Mount 500 mW Avalanche Diodes
1N5546CUR-1 MICROSEMI-1N5546CUR-1 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
More results


Similar Description - 1N5546C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5518 NJSEMI-1N5518 Datasheet
191Kb / 1P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
NXP Semiconductors
PLVA400A PHILIPS-PLVA400A Datasheet
22Kb / 5P
   Low-voltage avalanche regulator diodes
1996 Apr 26
logo
Nexperia B.V. All right...
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
logo
NXP Semiconductors
PLVA600A PHILIPS-PLVA600A Datasheet
43Kb / 8P
   Low-voltage avalanche regulator diodes
1999 May 25
logo
Nexperia B.V. All right...
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
logo
Microsemi Corporation
1N5518 MICROSEMI-1N5518 Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com